Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4209A Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4209A
Description  DC Motor Driver for Servo Driver Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209A Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4209A_16 Datasheet HTML 1Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 2Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 3Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 4Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 5Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 6Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 7Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 8Page - Infineon Technologies AG TLE4209A_16 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TLE 4209A
Overview
Data Sheet
5
Rev.1.2, 2016-07-25
Note: In the operating range, the functions given in the circuit description are fulfilled.
1.6
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
VS
8
18
V
After
VS rising
above
VUV ON
Supply voltage increasing
VS
– 0.3
VUV ON V
Outputs in tristate
Supply voltage decreasing
VS
– 0.3
VUV OF
F
V
Outputs in tristate
Output current
IOUT1-2
– 0.8
0.8
A
Input current (FB, REF)
IIN
– 50
500
μA–
Junction temperature
Tj
– 40
150
°C–
1.7
Electrical Characteristics
8 V <
VS < 18 V; IOUT1-2 = 0 A; – 40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.
Current Consumption
Supply current
IS
–12
20
mA
Supply current
IS
–20
30
mA
IOUT1 = 0.4 A
IOUT2 = – 0.4 A
Supply current
IS
–30
50
mA
IOUT1 = 0.8 A
IOUT2 = – 0.8 A
Over- and Under Voltage Lockout
UV Switch ON voltage
VUV ON
–7.4
8
V
VS increasing
UV Switch OFF voltage
VUV OFF 6.3
6.9
V
VS decreasing
UV ON/OFF Hysteresis
VUVHY
–0.5
V
VUV ON VUV OFF
OV Switch OFF voltage
VOV OFF –20.5
23
V
VS increasing
OV Switch ON voltage
VOV ON 17.5
20
V
VS decreasing
OV ON/OFF Hysteresis
VOVHY
–0.5
V
VOV OFF VOV ON


Similar Part No. - TLE4209A_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
More results

Similar Description - TLE4209A_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
   DC Motor Driver for Servo Driver Applications
2000-09-05
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
   DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
   DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
   0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
   1-A DC Motor Driver for Servo Driver Applications
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
   1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
   1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
   DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com