Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPW55N80C3 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPW55N80C3
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPW55N80C3 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPW55N80C3 Datasheet HTML 5Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 6Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 7Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 8Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 9Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 10Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 11Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 12Page - Infineon Technologies AG SPW55N80C3 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
A
!
0
3
+, % ,
9
9
/ 9/
+, % ,
9
9
/ 9/
+, % ,
9
9
/ 9/
+, % ,
9
9
/ 9/
k l
k l
k l
k l
;
;
'
'
,
@
;
;'
;,
;@
;
'
"
A
D
# #
#
2 #
. FC$
&m bF # G-m ,
n @
+, % ,
9
9
/ 9/
+, % ,
9
9
/ 9/
+, % ,
9
9
/ 9/
+, % ,
9
9
/ 9/
k l
k l
k l
k l
;
;
'
'
,
@
;
;'
"
A
D
# #
#
2 #
. FC$
&m bF
# G-m ,
n @
+, 6
/%
9 %
/
/ /
9
+, 6
/%
9 %
/
/ /
9
+, 6
/%
9 %
/
/ /
9
+, 6
/%
9 %
/
/ /
9
.... k0l
k0l
k0l
k0l
'
,
@
;
;'
&
&;
&'
&
&,
&
&@
&-
&
&A
;&
#
# #
D
D #
A
$% &FC$. &m
bF
# G-m ,
n @
/%
9 %
/
/ /
9
/%
9 %
/
/ /
9
/%
9 %
/
/ /
9
/%
9 %
/
/ /
9
bbbb kG-l
kG-l
kG-l
kG-l
+@
+'
'
@
;
;,
;
&
&
&;
&;
&'
&'
I"o
+,
$% &FC$ b&m . F?
D 0m @ F


Similar Part No. - SPW55N80C3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SPW55N80C3 ISC-SPW55N80C3 Datasheet
374Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com