Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8FLC2M32 Datasheet(PDF) 9 Page - Micross Components

Part # AS8FLC2M32
Description  Available in multiple Access time variations
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8FLC2M32 Datasheet(HTML) 9 Page - Micross Components

Back Button AS8FLC2M32 Datasheet HTML 5Page - Micross Components AS8FLC2M32 Datasheet HTML 6Page - Micross Components AS8FLC2M32 Datasheet HTML 7Page - Micross Components AS8FLC2M32 Datasheet HTML 8Page - Micross Components AS8FLC2M32 Datasheet HTML 9Page - Micross Components AS8FLC2M32 Datasheet HTML 10Page - Micross Components AS8FLC2M32 Datasheet HTML 11Page - Micross Components AS8FLC2M32 Datasheet HTML 12Page - Micross Components AS8FLC2M32 Datasheet HTML 13Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FLASH
AS8FLC2M32
AS8FLC2M32B
Rev. 1.6 05/11
Micross Components reserves the right to change products or specifications without notice.
9
Temporary Sector Unprotect
This feature allows temporary un-protection of previously
protected sectors to change data in-system. Setting the RESET\
pin to VID activates the sector Unprotect mode. During this
mode, formerly protected sectors can be programmed or erased
by selecting the sector addresses. Once VID is removed
from the RESET\ pin, all the previously protected sectors are
protected again. The diagram below depicts the algorithm flow
for this operation.
Temporary Sector Unprotect Diagram
Hardware Data Protection
The command sequence requirements of UNLOCK cycles
for PROGRAMMING or ERASING provides data protection
against inadvertent WRITES. In addition, the following
hardware data protection measures prevent accidental
ERASURE or PROGRAMMING, which might otherwise be
caused by spurious system level signals during VCC power-up
and power-down transitions, or from system noise.
Low VCC WRITE Inhibit
When VCC is less than VLKO, the device does not accept any
WRITE cycles. This protects data during VCC power-up and
power-down. The system must provide the proper signals to
the control pins to prevent unintentional WRITES when VCC
is greater than VLKO.
Write Pulse “GLITCH” Protection
Noise pulses of less than 5ns (typical) on OE\, CSx\ or WEx\
do not initiate a WRITE cycle.
Logical Inhibit
WRITE cycles are inhibited by holding any one of OE\=VIL,
CSx\=VIH or WEx\=VIH. To initiate a WRITE cycle, CSx\
and WEx\ must be a logical zero while OE\ is a logical one.
Power-Up WRITE Inhibit
If WEx\=CSx\=VIL and OE\=VIH during power-up, the device
does not accept commands on the rising edge of WEx\. The
internal state machine is automatically reset to READING array
data on power-up.
Command Definitions
Writing specific address and data commands or sequences
into the command register initiates device operations. The
COMMAND REGISTER TABLE defines the valid register
command sequences for this device Module. WRITING
incorrect address and data values or WRITING them in the
improper sequence resets the device to READING array
data.
All addresses are latched on the falling edge of WEx\ or CSx\,
whichever happens later. All data is latched on the rising edge of
WEx\ or CSx\, whichever happens first. Refer to the AC timing
references for correct timings of the appropriate signals.
Reading Array Data
The device is automatically set to READING Array data after
device power-up. No commands are required to retrieve data.
The device is also ready to READ data after completing an
Embedded Program or Embedded Erase operation.
After the device accepts an ERASE Suspend command, the
device enters the ERASE Suspend Mode. The system can
read array data using the standard READ timings, except that
if it READS at an address within Erase-Suspended sectors, the
device outputs status data. After completing a programming
operation in the Erase Suspend Mode, the system may once
again READ array data with the same exception.
The system must issue the reset command to re-enable the
device for reading array data if DQ5, DQ13, DQ21 and DQ29
goes high, or while in the autoselect mode.
NOTES:
1. All protected sectors unprotected
2. All previously protected sectors are
protected once again
RESET\ = VID
(Note 1)
Perform Erase or
Program
Operations
RESET\ = VIH
Start
Temporary Sector
Unprotect
Completed
(Note 2)


Similar Part No. - AS8FLC2M32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8FLC2M32 AUSTIN-AS8FLC2M32 Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/IT AUSTIN-AS8FLC2M32BP-100/IT Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/Q AUSTIN-AS8FLC2M32BP-100/Q Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-100/XT AUSTIN-AS8FLC2M32BP-100/XT Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
AS8FLC2M32BP-120/IT AUSTIN-AS8FLC2M32BP-120/IT Datasheet
415Kb / 29P
   Hermetic, Multi-Chip Module (MCM) 64Mb, 2M x 32, 3.3Volt Boot Block FLASH Array
More results

Similar Description - AS8FLC2M32

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
Ohmite Mfg. Co.
SINK-AH OHMITE-SINK-AH Datasheet
494Kb / 2P
   Multiple finishes available
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
logo
Grayhill, Inc
62B22-SPP-040C GRAYHILL-62B22-SPP-040C Datasheet
411Kb / 2P
   Multiple Switching Functions Available in One Compact Device
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com