Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8S512K32 Datasheet(PDF) 11 Page - Micross Components

Part # AS8S512K32
Description  Low power CMOS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS8S512K32 Datasheet(HTML) 11 Page - Micross Components

Back Button AS8S512K32 Datasheet HTML 7Page - Micross Components AS8S512K32 Datasheet HTML 8Page - Micross Components AS8S512K32 Datasheet HTML 9Page - Micross Components AS8S512K32 Datasheet HTML 10Page - Micross Components AS8S512K32 Datasheet HTML 11Page - Micross Components AS8S512K32 Datasheet HTML 12Page - Micross Components AS8S512K32 Datasheet HTML 13Page - Micross Components AS8S512K32 Datasheet HTML 14Page - Micross Components AS8S512K32 Datasheet HTML 15Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.9 08/13
Micross Components reserves the right to change products or specifications without notice.
11
MECHANICAL DEFINITIONS*
Micross Case #904 (Package Designator P )
SMD 5962-94611, Case Outline T
*All measurements are in inches.
4xD
D1
D2
E1
Pin66
e
Pin11
Pin1
(identified by
0.060 square pad)
Pin56
A
A1
L
φ
b
e
φ
b1
SRAM
SRAM
SRAM
SRAM
SRAM
AS8S512K32
& AS8S512K32A
AS8S512K32 & AS8S512K32A
Rev. 6.0 6/05
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
MECHANICAL DEFINITIONS*
ASI Case #904 (Package Designator P )
SMD 5962-94611, Case Outline T
*All measurements are in inches.
4xD
D1
D2
E1
Pin66
e
Pin11
Pin1
(identified by
0.060 square pad)
Pin56
A
A1
L
φb
e
φb1
MIN
MAX
A
0.144
0.181
A1
0.025
0.035
φb
0.016
0.020
φb1
0.045
0.055
D
1.065
1.085
D1/E1
D2
e
L
0.145
0.155
0.600 TYP
0.100 TYP
SYMBOL
1.000 TYP
SMD SPECIFICATIONS


Similar Part No. - AS8S512K32

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
227Kb / 12P
   SRAM
AS8S512K32A AUSTIN-AS8S512K32A Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
More results

Similar Description - AS8S512K32

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8E128K32 MICROSS-AS8E128K32 Datasheet
240Kb / 15P
   Low power CMOS
logo
Holt Integrated Circuit...
HI-3182N HOLTIC-HI-3182N Datasheet
76Kb / 7P
   Low power CMOS
logo
Analog Devices
AD73311L AD-AD73311L_17 Datasheet
411Kb / 37P
   Low Cost, Low Power CMOS
logo
ATMEL Corporation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
logo
Micrel Semiconductor
DSC1033 MICREL-DSC1033 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
DSC1025 MICREL-DSC1025 Datasheet
821Kb / 7P
   Low-Power CMOS Oscillator
DSC1018 MICREL-DSC1018 Datasheet
819Kb / 7P
   Low-Power CMOS Oscillator
logo
List of Unclassifed Man...
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
logo
Golledge Electronics Lt...
GXO-4301 GOLLEDGE-GXO-4301 Datasheet
90Kb / 2P
   Low Power CMOS Oscillator
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com