Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-101-232 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3-101-232
Description  Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-232 Datasheet(HTML) 3 Page - Schurter Inc.

  3-101-232 Datasheet HTML 1Page - Schurter Inc. 3-101-232 Datasheet HTML 2Page - Schurter Inc. 3-101-232 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Thermal (T- and TA-Line)
T9-817
www.schurter.com /PG17_18_19
Circuit Breakers
Variants
connection type
Rated current
Order Number
Solder, THT
4A
3-101-228
Solder, THT
5A
3-101-227
Solder, THT
6A
3-101-226
Solder, THT
7A
3-101-232
Solder, THT
8A
3-101-231
Solder, THT
10A
3-101-230
Solder, THT
12A
3-101-229
Availability for all products can be searched real-time:http://www.schurter.com/Stock-
Check/Stock-Check-SCHURTER
Packaging Unit
100 Pcs
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 3-101-232

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3-101-001 SCHURTER-3-101-001 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
3-101-001 SCHURTER-3-101-001 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
3-101-002 SCHURTER-3-101-002 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
3-101-002 SCHURTER-3-101-002 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
3-101-003 SCHURTER-3-101-003 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results

Similar Description - 3-101-232

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-817 SCHURTER-T9-817_18 Datasheet
332Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-817 SCHURTER-T9-817_V01 Datasheet
346Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-818 SCHURTER-T9-818 Datasheet
377Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting, 1 pole
T9-818 SCHURTER-T9-818_18 Datasheet
388Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_16 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_V01 Datasheet
403Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com