Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-101-232 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3-101-232
Description  Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-232 Datasheet(HTML) 2 Page - Schurter Inc.

  3-101-232 Datasheet HTML 1Page - Schurter Inc. 3-101-232 Datasheet HTML 2Page - Schurter Inc. 3-101-232 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Thermal (T- and TA-Line)
T9-817
www.schurter.com /PG17_18_19
Circuit Breakers
Approval
Rated current
Rated voltage AC
Rated voltage DC
UL 1077
4 - 12 A
240 V
48 V
CSA 22.2 235
4 - 12 A
240 V
48 V
IEC 60934
4 - 12 A
240 V
48 V
GB 17701
4 - 12 A
240 V
48 V
Typical internal resistance
Rated Current [A]
Internal Resistance [m
Ω]
4
26.3
5
24.1
6
19.0
7
18.0
8
14.8
10
13.0
12
12.7
Time-Current-Curves
23
45
16
78
10
[min]
[sec]
10'000
1'000
100
1
0.1
10
30
20
10
5
3
1
60
T9
5 A -16 A (TC-1)
4 A
(TC-2)
Multiple of Rated Current In
Reference Temperature +23°
Effect of ambient temperature
The units are calibrated for an ambient temperature of +23°C. To determine the rated cur-
rent for a lower or higher ambient temperature, use a correction factor (typical value) from
the table below:
Ambient temperature [°C]
Correction factor
-5
0,85
+10
0,95
+23
1,00
+40
1,08
+60
1,21
Example: Rated current = 10 A; Environmental temperature = 60 °C; --> Correction factor
= 1.21; Resulting current = 12.1 A --> Fount to next higher rated current: 13 A


Similar Part No. - 3-101-232

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3-101-001 SCHURTER-3-101-001 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
3-101-001 SCHURTER-3-101-001 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
3-101-002 SCHURTER-3-101-002 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
3-101-002 SCHURTER-3-101-002 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
3-101-003 SCHURTER-3-101-003 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results

Similar Description - 3-101-232

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T9-817 SCHURTER-T9-817_18 Datasheet
332Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-817 SCHURTER-T9-817_V01 Datasheet
346Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-818 SCHURTER-T9-818 Datasheet
377Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting, 1 pole
T9-818 SCHURTER-T9-818_18 Datasheet
388Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_16 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_V01 Datasheet
403Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com