Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1241.8566 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1241.8566
Description  Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1241.8566 Datasheet(HTML) 2 Page - Schurter Inc.

  1241.8566 Datasheet HTML 1Page - Schurter Inc. 1241.8566 Datasheet HTML 2Page - Schurter Inc. 1241.8566 Datasheet HTML 3Page - Schurter Inc. 1241.8566 Datasheet HTML 4Page - Schurter Inc. 1241.8566 Datasheet HTML 5Page - Schurter Inc. 1241.8566 Datasheet HTML 6Page - Schurter Inc. 1241.8566 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Metal Line Switches
MSM LA CS 22
www.schurter.com /PG70
Switches
Dimension
MSM 22 LA CS ST / double-pole
ø 25
ø 27.60
ø 18
D
0.80
4.80
16.60
22
M 22x1
H
E
F
MSM 22 LA CS AI / double-pole
ø 25
ø 27.60
ø 18
D
2.80
0.80
3.60
0.50
4.80
16.60
22
M 22x1
H
E
A
F
Switching Element single-pole with Push Button Holder
4.8
22
16.6
0.8
Legend
A = Illumination Area
C = Width Across Flats
D = Knurled Nut
E = Lettering
F = Anti-Rotation
H = Switching Element
Dimension
MSM 22 LA CS (without torsion pro-
tection)
Drilling diagram
MSM 22 LA CS (with torsion protec-
tion)
Drilling diagram


Similar Part No. - 1241.8566

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1241.8566 SCHURTER-1241.8566 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results

Similar Description - 1241.8566

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS19 SCHURTER-MSMLACS19 Datasheet
716Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_V02 Datasheet
863Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLACS19 SCHURTER-MSMLACS19_V02 Datasheet
735Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22_18 Datasheet
1Mb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_V02 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com