Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8020.5021.G Datasheet(PDF) 1 Page - Schurter Inc.

Part # 8020.5021.G
Description  Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

8020.5021.G Datasheet(HTML) 1 Page - Schurter Inc.

  8020.5021.G Datasheet HTML 1Page - Schurter Inc. 8020.5021.G Datasheet HTML 2Page - Schurter Inc. 8020.5021.G Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Non resettable fuses
SHT 6.3x32
www.schurter.com /PG01_2
Fuses
Cartridge Fuse, 6.3x32 mm, 400 - 500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 1500 A
UL 248-14 · 400 - 500VAC · Time-Lag T
Description
- 6.3 x 32 mm fuse for primary protection, pigtails optional
- 16 rated currents from 1 A to 32 A
- 400 VDC pending for 5, 6.3, 8 A
Unique Selling Proposition
- High rated voltages up to 500 VAC / 400 VDC
- High breaking capacity up to 1500 A
Standards
- UL 248-14
- CSA C22.2 no. 248.14
Approvals
- UL File Number: E41599
Applications
- 3-phase applications
- DC applications
- Photovoltaic
- Frequency converter
- Power electronics
References
Packaging Details
Pigtail Type SHT 6.3x32 Pigtail
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
400 - 500 VAC, 63 - 400 VDC
Rated current
1 - 32 A
Breaking Capacity
1500 A - 20 kA
Characteristic
Time-Lag T
Mounting
Fuseholder / Clip
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Tube
Ceramic
Material: Endcaps
Nickel-Plated Copper Alloy
Material: Axial Leads
Tin-Plated Copper
Unit Weight
2.84 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated current, Rated Voltage,
Characteristic, Breaking capacity, Ap-
provals
Dimension
6.3 mm
31.8±1


Similar Part No. - 8020.5021.G

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8020.5021.PT SCHURTER-8020.5021.PT Datasheet
317Kb / 4P
   Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
More results

Similar Description - 8020.5021.G

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SHT6.3X32 SCHURTER-SHT6.3X32_V02 Datasheet
327Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
product selected for their own applications.
SHT6.3X32 SCHURTER-SHT6.3X32_V01 Datasheet
300Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
17.08.2020
SHT6.3X32 SCHURTER-SHT6.3X32_18 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 400-500 VAC, 400 VDC, 1-32 A, High Breaking Capacity up to 3500 A
SHF6.3X32 SCHURTER-SHF6.3X32 Datasheet
258Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 440 - 500 VAC, 63 - 500 VDC 1-32 A, High Breaking Capacity up to 1500 A
SHF6.3X32 SCHURTER-SHF6.3X32_V01 Datasheet
313Kb / 4P
   Cartridge Fuse, 6.3x32 mm, 500 VAC, 500 VDC 0.5 A-32 A, High Breaking Capacity ??1500 A
04.01.2022
8020.5068.PT SCHURTER-8020.5068.PT Datasheet
255Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
SHF6.3X32PIGTAIL SCHURTER-SHF6.3X32PIGTAIL Datasheet
258Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity up to 1500 A
8020.5068 SCHURTER-8020.5068 Datasheet
271Kb / 3P
   Cartridge Fuse, 6.3x32 mm, 500 VAC, 1-8A, High Breaking Capacity of 1500 A
SHT6.3X32PIGTAIL SCHURTER-SHT6.3X32PIGTAIL Datasheet
317Kb / 4P
   Axial Lead Fuse, 6.3x32 mm, 500 VAC, 400 VDC, 1-10 A, High Breaking Capacity up to 3500 A
04.01.2022
6.3X32PIGTAIL SCHURTER-6.3X32PIGTAIL_V01 Datasheet
266Kb / 3P
   Axial Lead Fuse, 6.3x32 mm, 440 - 500 VAC, 400 - 500 VDC, 1-8 A, High Breaking Capacity ??500 A
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com