Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PV7F2T0113R4 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV7F2T0113R4
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV7F2T0113R4 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV7F2T0113R4 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV7F2T011-3R4
1:1
8/3/2016
52-PV7F2T0113R4
A
rc
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS 12mm
3 1
2 4
BLUE
(+)
(-)
2
4
SPDT ON-OFF / OFF-ON
CONTACT CONFIGURATION
(-)
3
1
4
2
RED +
GREEN +
BLUE +
A
22421
New Release
8/3/16
rc
41.0 1.0
1.61 .04 in
[]
30.7 1.0
1.21 .04 in
[]
13.60
[.535 in]
25.00
[.984 in]
18.00
[.71 in]
13.50
[.53 in]
1.80
[.07 in]
M22x1.0
22.00
[.866 in]
ACTUATOR: BLACK ANODIZED
BODY: BLACK ANODIZED
RING ILLUMINATION
COLOR: RGB
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = ± 0.4
X.XX = ± 0.25
3. TERMINAL NOS. FOR REF. ONLY
4. RATING: 2A @ 48VDC
5. CONTACT RESISTANCE: 50mΩ MAX. @ 1A 12VDC
6. INSULATION RESISTANCE: 1,000MΩ @ 500VDC
7. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
8. ELECTRICAL LIFE: 50,000 CYCLES
9. OPERATING TEMPERATURE: -20°C TO 55°C
10. ACTUATION FORCE: 4N
11. INGRESS PROTECTION: IP65
12.
DENOTES CRITICAL PARAMETER
13. 2011/65/EU (ROHS) COMPLIANT
14. HARDWARE INCLUDED (NOT SHOWN) HEX NUT AND O-RING
15. ILLUMINATION VOLTAGE: 12V
7.00
[.276 in]
POS. 1
POS. 2
SWITCH FUNCTION
1-2 OFF
1-2 ON
3-4 OFF
3-4 ON
2.80
[.110 in]
GREEN DOT
INDICATES GREEN
ANODE (+) TERMINAL
FOR LED
RED DOT
INDICATES RED
ANODE (+) TERMINAL
FOR LED
BLUE DOT
INDICATES BLUE
ANODE (+) TERMINAL
FOR LED
BLACK DOT
INDICATES CATHODE
TERMINAL FOR LED


Similar Part No. - 52-PV7F2T0113R4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T011311 E-SWITCH-52-PV7F2T011311 Datasheet
105Kb / 1P
   HARDWARE INCLUDED: HEX NUT AND O-RING (NOT SHOWN)
52-PV7F2T011331 E-SWITCH-52-PV7F2T011331 Datasheet
170Kb / 1P
   TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - 52-PV7F2T0113R4

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com