Electronic Components Datasheet Search |
|
0760559608 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0760559608 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 11/18/2016 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0760559608 Status: Active Overview: Impact™ Backplane Connectors and Cable Assemblies Description: Impact™ 100 Ohm 5 Pair Vertical Backplane Header, Right Guided, Left Endwall, 16 Columns, 240 Circuits, Pin Length 5.50mm, Plated Through Hole Dimension 0.39mm, Lead-Free Documents: 3D Model Application Specification AS-76060-9999-001 (PDF) Drawing (PDF) Packaging Specification PK-70873-759 (PDF) Product Specification PS-76060-999-001 (PDF) RoHS Certificate of Compliance (PDF) Application Specification AS-76060-990-001 (PDF) Agency Certification UL E29179 General Product Family Backplane Connectors Series 76055 Application Conventional, Mezzanine Application Tooling Documents TM-622018799 Component Type PCB Header Overview Impact™ Backplane Connectors and Cable Assemblies Product Name Impact™ UPC 883906414931 Physical Circuits (Loaded) 240 Circuits (maximum) 240 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part Yes Keying to Mating Part None Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Net Weight 8.633/g Number of Columns 16 Number of Pairs 5 Number of Rows 15 Orientation Vertical PC Tail Length 1.40mm PCB Locator No PCB Retention Yes PCB Thickness - Recommended 1.00mm Packaging Type Tray Pitch - Mating Interface 1.90mm Pitch - Termination Interface 1.90mm Plating min - Mating 0.762µm Polarized to PCB Yes Stackable No Temperature Range - Operating -55°C to +85°C Termination Interface: Style Through Hole - Compliant Pin Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per - ED/21/2016 (20 June 2016) Halogen-Free Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Not Relevant RoHS Phthalates Not Contained Search Parts in this Series 76055 Series Mates With 76060 Impact™ 100 Ohm Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Backplane Press-In Tool for 5-Pair by 16- Column Assemblies 0622018665 Backplane Insertion Tool for Signal Contact 0621005800 |
Similar Part No. - 0760559608 |
|
Similar Description - 0760559608 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |