Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC373 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC373
Description  Octal D-Type Latch with 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC373 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC373 Datasheet HTML 1Page - ON Semiconductor MC74VHC373 Datasheet HTML 2Page - ON Semiconductor MC74VHC373 Datasheet HTML 3Page - ON Semiconductor MC74VHC373 Datasheet HTML 4Page - ON Semiconductor MC74VHC373 Datasheet HTML 5Page - ON Semiconductor MC74VHC373 Datasheet HTML 6Page - ON Semiconductor MC74VHC373 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 8
1
Publication Order Number:
MC74VHC373/D
MC74VHC373
Octal D-Type Latch
with 3-State Output
The MC74VHC373 is an advanced high speed CMOS octal latch
with 3−state output fabricated with silicon gate CMOS technology. It
achieves high speed operation similar to equivalent Bipolar Schottky
TTL while maintaining CMOS low power dissipation.
This 8−bit D−type latch is controlled by a latch enable input and an
output enable input. When the output enable input is high, the eight
outputs are in a high impedance state.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V
systems to 3.0 V systems.
Features
High Speed: tPD = 5.0 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 4.0 mA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2.0 V to 5.5 V Operating Range
Low Noise: VOLP = 0.9 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: HBM > 2000 V; Machine Model > 200 V
Chip Complexity: 186 FETs or 46.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
PIN ASSIGNMENT
Q2
D1
D0
Q0
OE
GND
Q3
D3
D2
Q1
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q6
D6
D7
Q7
VCC
LE
Q4
D4
D5
Q5
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
SOIC−20
DW SUFFIX
CASE 751D
VHC373
AWLYYWWG
1
20
1
20
VHC373
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - MC74VHC373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC373 MOTOROLA-MC74VHC373 Datasheet
180Kb / 7P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC373 ONSEMI-MC74VHC373 Datasheet
93Kb / 8P
   Octal D-Type Latch with 3-State Output
January, 2005 ??Rev. 6
logo
Motorola, Inc
MC74VHC373DT MOTOROLA-MC74VHC373DT Datasheet
180Kb / 7P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC373DTR2 ONSEMI-MC74VHC373DTR2 Datasheet
93Kb / 8P
   Octal D-Type Latch with 3-State Output
January, 2005 ??Rev. 6
logo
Motorola, Inc
MC74VHC373DW MOTOROLA-MC74VHC373DW Datasheet
180Kb / 7P
   Octal D-Type Latch with 3-State Output
More results

Similar Description - MC74VHC373

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC573F TOSHIBA-TC74VHC573F Datasheet
259Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC7MET573AFK TOSHIBA-TC7MET573AFK Datasheet
223Kb / 5P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT573A ONSEMI-MC74VHCT573A Datasheet
171Kb / 7P
   Octal D-Type Latch with 3-State Output
REV 0
logo
Toshiba Semiconductor
TC7MET573AFK TOSHIBA-TC7MET573AFK_07 Datasheet
187Kb / 7P
   Octal D-Type Latch with 3-State Output
TC74VHC573F TOSHIBA-TC74VHC573F_07 Datasheet
232Kb / 10P
   Octal D-Type Latch with 3-State Output
logo
ON Semiconductor
MC74VHC573 ONSEMI-MC74VHC573_11 Datasheet
149Kb / 9P
   Octal D-Type Latch with 3-State Output
May, 2011 ??Rev. 6
logo
Toshiba Semiconductor
TC74VHC373F TOSHIBA-TC74VHC373F Datasheet
260Kb / 7P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74VHCT573AF TOSHIBA-TC74VHCT573AF Datasheet
258Kb / 6P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT
TC74LVX373F TOSHIBA-TC74LVX373F_07 Datasheet
211Kb / 9P
   Octal D-Type Latch with 3-State Output
TC74VHCT373AF TOSHIBA-TC74VHCT373AF_07 Datasheet
228Kb / 9P
   Octal D-Type Latch with 3-State Output
TC7MET373AFK TOSHIBA-TC7MET373AFK Datasheet
188Kb / 7P
   Octal D-Type Latch with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com