Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX574 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LCX574
Description  Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX574 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LCX574 Datasheet HTML 1Page - ON Semiconductor MC74LCX574 Datasheet HTML 2Page - ON Semiconductor MC74LCX574 Datasheet HTML 3Page - ON Semiconductor MC74LCX574 Datasheet HTML 4Page - ON Semiconductor MC74LCX574 Datasheet HTML 5Page - ON Semiconductor MC74LCX574 Datasheet HTML 6Page - ON Semiconductor MC74LCX574 Datasheet HTML 7Page - ON Semiconductor MC74LCX574 Datasheet HTML 8Page - ON Semiconductor MC74LCX574 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74LCX574
www.onsemi.com
2
Figure 1. Pinout: 20−Lead (Top View)
19
20
18
17
16
15
14
2
1
3456
7
VCC
13
8
12
9
11
10
O0
O1
O2
O3
O4
O5
O6
O7
CP
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
Figure 2. Logic Diagram
PIN NAMES
Function
Output Enable Input
Clock Pulse Input
Data Inputs
3−State Outputs
Pins
OE
CP
D0−D7
O0−O7
O0
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
Q
D
CP
OE
11
1
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
TRUTH TABLE
INPUTS
INTERNAL
LATCHES
OUTPUTS
OE
CP
Dn
Q
On
OPERATING MODE
L
L
l
h
L
H
L
H
Load and Read Register
L
X
NC
NC
Hold and Read Register
H
X
NC
Z
Hold and Disable Outputs
H
H
l
h
L
H
Z
Z
Load Internal Register and Disable Outputs
H
= High Voltage Level
h
= High Voltage Level One Setup Time Prior to the Low−to−High Clock Transition
L
= Low Voltage Level
l
= Low Voltage Level One Setup Time Prior to the Low−to−High Clock Transition
NC = No Change
X
= High or Low Voltage Level and Transitions are Acceptable
Z
= High Impedance State
= Low−to−High Transition
= Not a Low−to−High Transition; For ICC Reasons, DO NOT FLOAT Inputs


Similar Part No. - MC74LCX574

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
91Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LCX574DT MOTOROLA-MC74LCX574DT Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574DT ONSEMI-MC74LCX574DT Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
More results

Similar Description - MC74LCX574

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574_12 Datasheet
139Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com