Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT574A Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT574A
Description  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT574A Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT574A_14 Datasheet HTML 1Page - ON Semiconductor MC74HCT574A_14 Datasheet HTML 2Page - ON Semiconductor MC74HCT574A_14 Datasheet HTML 3Page - ON Semiconductor MC74HCT574A_14 Datasheet HTML 4Page - ON Semiconductor MC74HCT574A_14 Datasheet HTML 5Page - ON Semiconductor MC74HCT574A_14 Datasheet HTML 6Page - ON Semiconductor MC74HCT574A_14 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 11
1
Publication Order Number:
MC74HCT574A/D
MC74HCT574A
Octal 3-State Noninverting
D Flip-Flop with
LSTTL-Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT574A is identical in pinout to the LS574. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High Speed CMOS inputs.
Data meeting the setup time is clocked to the outputs with the rising
edge of the Clock. The Output Enable input does not affect the states
of the flip−flops, but when Output Enable is high, all device outputs
are forced to the high−impedance state. Thus, data may be stored even
when the outputs are not enabled.
The HCT574A is identical in function to the HCT374A but has the
flip−flop inputs on the opposite side of the package from the outputs to
facilitate PC board layout.
Features
Output Drive Capability: 15 LSTTL Loads
TTL NMOS Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 mA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7 A
Chip Complexity: 286 FETs or 71.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
MARKING DIAGRAMS
SOIC−20
HCT574A
AWLYYWWG
20
1
See detailed ordering and shipping information on page 5 of
this data sheet.
ORDERING INFORMATION
1
20
HCT
574A
ALYW
G
G
TSSOP−20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOIC−20
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
FUNCTION TABLE
Inputs
Output
OE
Clock
D
Q
LH
H
LL
L
L
L,H,
X
No Change
HX
X
Z
X = don’t care
Z = high impedance
PIN ASSIGNMENT
D4
D2
D1
D0
OUTPUT
ENABLE
GND
D7
D6
D5
D3
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
Q3
Q2
Q1
Q0
VCC
CLOCK
Q7
Q6
Q5
Q4
DATA
INPUTS
D0
219
Q0
D1
D2
D3
D4
D5
D6
D7
CLOCK
OUTPUT ENABLE
3
4
5
6
7
8
9
11
1
18
17
16
15
14
13
12
Q1
Q2
Q3
Q4
Q5
Q6
Q7
NON-
INVERTING
OUTPUTS
PIN 20 = VCC
PIN 10 = GND
Figure 1. Logic Diagram


Similar Part No. - MC74HCT574A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
More results

Similar Description - MC74HCT574A_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com