Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC175ADTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC175ADTR2G
Description  Quad D Flip-Flop with Common Clock and Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC175ADTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC175ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 8Page - ON Semiconductor MC74HC175ADTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74HC175A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
– 55 to
25
_C
v 85_C
v 125_C
VIH
Minimum High−Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4 2
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.80
0.5
0.9
1.35
1.80
0.5
0.9
1.35
1.80
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH or VIL
|Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
4
40
160
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - MC74HC175ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC175ADTR2G ONSEMI-MC74HC175ADTR2G Datasheet
121Kb / 10P
   Quad D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 3
MC74HC175ADTR2G ONSEMI-MC74HC175ADTR2G Datasheet
157Kb / 11P
   Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
More results

Similar Description - MC74HC175ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
   Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
   Quad D Flip-Flop with Common Clock and Reset
REV 6
logo
System Logic Semiconduc...
SL74HC175 SLS-SL74HC175 Datasheet
49Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_12 Datasheet
157Kb / 11P
   Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
logo
Integral Corp.
IN74ACT175 INTEGRAL-IN74ACT175 Datasheet
133Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
   Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
   HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com