Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS21814MPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS21814MPBF
Description  HIGH- AND LOW-SIDE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21814MPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS21814MPBF_16 Datasheet HTML 1Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 2Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 3Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 4Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 5Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 6Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 7Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 8Page - International Rectifier IRS21814MPBF_16 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IRS21814MPBF
www.irf.com
© 2016 International Rectifier
3
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used
within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15 V
differential.
†† Logic operational for V
S of -5 V to +600 V. Logic state held for VS of -5 V to –VBS. (Please refer to the
Design Tip DT97-3 for more details).
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation
ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min
Max
Units
VB
High-side floating absolute voltage
-0.3
625
V
VS
High-side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side and logic fixed supply voltage
-0.3
20 †
VLO
Low-side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN &LIN)
VSS -0.3
VCC + 0.3
VSS
Logic ground
VCC - 20
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
2.08
W
RthJA
Thermal resistance, junction to ambient
36
°C/W
TJ
Junction temperature
150
°C
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
† All supplies are fully tested at 25 V and an internal 20 V clamp exists for each supply
Symbol
Definition
Min
Max
Units
VB
High-side floating supply absolute voltage
VS +10
VS +20
V
VS
High-side floating supply offset voltage
††
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side and logic fixed supply voltage
10
20
VLO
Low-side output voltage
0
VCC
VIN
Logic input voltage
VSS
VCC
VSS
Logic ground
-5
5
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS21814MPBF_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF_15 Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
More results

Similar Description - IRS21814MPBF_16

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com