Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-2786 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 408-2786
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

408-2786 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  408-2786 Datasheet HTML 1Page - TE Connectivity Ltd 408-2786 Datasheet HTML 2Page - TE Connectivity Ltd 408-2786 Datasheet HTML 3Page - TE Connectivity Ltd 408-2786 Datasheet HTML 4Page - TE Connectivity Ltd 408-2786 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
408- 2786
Rev J
2
of 5
3. DIE INSTALLATION
To be sure that the die assembly is properly aligned
during installation, proceed as follows:
1. Slide the die assembly into the partially--opened
tool jaws. The anvil die must be installed in the
movable jaw of the tool and the indenter in the
stationary jaw. The center contact crimping
chamber must be toward the front of the tool as
shown in Figure 1.
2. Insert, but do not completely tighten, the die
retaining screws.
3. Close the tool jaws and carefully align the dies
so that the anvil die enters the indenter die. Once
the anvil has entered the indenter, place a copper
bus bar (1.57+0.05 mm [.062+.002 in.] diameter)
into the center contact crimping chamber of the die
assembly.
4. With bus bar in place, close the tool jaws
completely. Hold the tool handles together and
tighten the die retaining screws with the
appropriate screwdriver.
4. CRIMPING PROCEDURE
For detailed information on cable selection, cable
strip lengths, and proper assembly of the
connector, refer to the instructions provided with
the connector.
Select the appropriate die assembly that is
compatible with the connector being used. Proceed
as follows:
4.1. Center Contact (Figure 2)
1. Slide the ferrule onto the cable, then strip the
cable to the proper dimensions.
2. Slide center contact onto center conductor of
cable; then insert contact assembly into the center
contact crimping chamber of the anvil die. See
Figure 2.
Make sure that the flange on the end of the
center contact butts against the edge of the die.
Refer to the cross--sectional view in Figure 2.
3. Crimp the center contact by holding the cable in
place; then close the tool handles until the ratchet
releases.
4. Remove the crimped center contact assembly
from the crimping dies.
Figure 2
Center Contact
Flange Butt
Against Edge
of Die
Anvil Die
Stripped Cable
Crimping the
Center Contact
Flange on End of
Center Contact
Edge of Die
Cross--Sectional
View
4.2. Ferrule (Figure 3)
1. Insert the crimped center contact into the
connector body until the cable dielectric butts
against the dielectric inside the connector body.
The flared braid must fit around the support sleeve
of the connector body.
Figure 3
Shoulder on
Connector
Body Butts
Against
Edge of Die
Ferrule in
Crimping
Chamber
on Anvil
Die
NOTE
i
NOTE
i


Similar Part No. - 408-2786

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results

Similar Description - 408-2786

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com