Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

308264-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 308264-2
Description  AMPOWER Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

308264-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  308264-2 Datasheet HTML 1Page - TE Connectivity Ltd 308264-2 Datasheet HTML 2Page - TE Connectivity Ltd 308264-2 Datasheet HTML 3Page - TE Connectivity Ltd 308264-2 Datasheet HTML 4Page - TE Connectivity Ltd 308264-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408-2710
3 of 5
Rev G
Figure 4
If dies conform to the gage inspection, the crimping
chamber is considered dimensionally correct. If
correct, the dies should be lubricated with a thin coat
of any good SAE 20 motor oil and returned to service.
If not correct, the dies must be returned for further
evaluation and repair. Refer to Section 5,
REPLACEMENT AND REPAIR.
ACCEPT
REJECT
Dimension “A”
Vertical
Centerline
Large Slot
Vertical Centerline
45°
Slot Spread Open
2.00 [.079] Min.
6.35 / 6.48
[.250 / .255]
Slot Spreads Open
Wrong Crimp
Orientation
Slots that are open too
far may be closed by
squeezing in vise.
1
2
3
4
5
6
3
1
2
4
1
2
3
4
1
2
3
4
5
Embossed wire size matches CMA of wire being used
and wire size stamped on terminal.
Insulation enters insulation barrel.
Large slot 45° off vertical centerline of crimp.
Crimped too far off center causing large slot
to spread open.
Embossed wire size does not match CMA of wire
being used, or wire size stamped on terminal.
Wire not inserted far enough into terminal. Wire
insulation did not enter insulation barrel.
Excessive “flash” indicates wrong wire, terminal, or
tooling combination used, or damaged dies were used.
Nicked or missing strands.
Terminal was not oriented properly with dies
(see Figure 3). Depending on orientation, slot
will spread open.
Crimp located on wire barrel as shown.
DIE SET
SIZE
DIMENSION “A”
68361-1
1/0
26.16 / 27.69 [1.03 / 1.09]
68253-1
2/0
26.16 / 27.69 [1.03 / 1.09]
59867-1
3/0
26.16 / 27.69 [1.03 / 1.09]
68304-1
4/0
30.99 / 32.51 [1.22 / 1.28]
6


Similar Part No. - 308264-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3082 BOURNS-3082 Datasheet
140Kb / 1P
   1/2 Rectangular Trimpot짰 Trimming Potentiometer
logo
TE Connectivity Ltd
308209-1 TEC-308209-1 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
308209-2 TEC-308209-2 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
308209-3 TEC-308209-3 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
nVent Electric plc
30821-589 NVENT-30821-589 Datasheet
8Mb / 18P
   Multipacpro
09/2021
More results

Similar Description - 308264-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
408-2786 TEC-408-2786 Datasheet
134Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com