Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313763-1 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 313763-1
Description  Crimping Die Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

313763-1 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  313763-1 Datasheet HTML 1Page - TE Connectivity Ltd 313763-1 Datasheet HTML 2Page - TE Connectivity Ltd 313763-1 Datasheet HTML 3Page - TE Connectivity Ltd 313763-1 Datasheet HTML 4Page - TE Connectivity Ltd 313763-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
408- 2786
5
of 5
Rev J
30.48 mm
[1.20 in.]
11.89 mm
[.468 in.]
2
1
WEIGHT:
227g[8oz]
34.80 mm
[1.37 in.]
CUSTOMER--REPLACEABLE PARTS
DIE ASSEMBLY
PART NO.
ANVIL
(Item 1)
INDENTER
(Item 2)
220189--1
310498--2
310497--2
220189--2
310498--4
310497--4
220189--3
310567--1
310568--1
58330--1
313764--1
313763--1
Figure 6


Similar Part No. - 313763-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3137 ETC2-3137 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3137 KR-3137 Datasheet
96Kb / 3P
   500 KHz Notch Frequency
logo
List of Unclassifed Man...
3137 ETC2-3137 Datasheet
68Kb / 1P
   WASHERS
logo
Heyco.
3137 HEYCO-3137 Datasheet
141Kb / 1P
   Glossy and Thick Panel Glossy Plugs
logo
Littelfuse
313700 LITTELFUSE-313700 Datasheet
44Kb / 1P
   Axial Lead and Cartridge Fuses
More results

Similar Description - 313763-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2822 TEC-408-2822 Datasheet
186Kb / 7P
   Crimping Die Assemblies
408-9278 TEC-408-9278 Datasheet
272Kb / 5P
   Crimping Die Assemblies
408-9279 TEC-408-9279 Datasheet
138Kb / 5P
   Crimping Die Assemblies
408-6877 TEC-408-6877 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9177 MACOM-408-9177 Datasheet
142Kb / 5P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-8704 TEC-408-8704 Datasheet
519Kb / 10P
   Crimping Die Assemblies
logo
Tyco Electronics
408-9905 MACOM-408-9905 Datasheet
94Kb / 3P
   Crimping Die Assemblies
logo
TE Connectivity Ltd
408-2281 TEC-408-2281 Datasheet
520Kb / 12P
   Crimping Die Assemblies
408-8703 TEC-408-8703 Datasheet
226Kb / 6P
   Crimping Die Assemblies
408-2710 TEC-408-2710 Datasheet
328Kb / 5P
   AMPOWER Crimping Die Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com