Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2990T-15 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2990T-15
Description  Negative Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2990T-15 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2990T-15 Datasheet HTML 3Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 4Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 5Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 6Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 9Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 10Page - National Semiconductor (TI) LM2990T-15 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Applications
The LM2940 is a positive 1A low dropout regulator; refer to its datasheet for further information.
Application Hints
EXTERNAL CAPACITORS
The LM2990 regulator requires an output capacitor to main-
tain stability. The capacitor must be at least 10 µF aluminum
electrolytic or 1 µF solid tantalum. The output capacitor’s
ESR must be less than 10
Ω, or the zero added to the regu-
lator frequency response by the ESR could reduce the
phase margin, creating oscillations (refer to the graph on the
right). An input capacitor, of at least 1 µF solid tantalum or 10
µF aluminum electrolytic, is also needed if the regulator is
situated more than 6" from the input power supply filter.
FORCING THE OUTPUT POSITIVE
Due to an internal clamp circuit, the LM2990 can withstand
positive voltages on its output. If the voltage source pulling
the output positive is DC, the current must be limited to 1.5A.
A current over 1.5A fed back into the LM2990 could damage
the device. The LM2990 output can also withstand fast posi-
tive voltage transients up to 26V, without any current limiting
of the source. However, if the transients have a duration of
over 1 ms, the output should be clamped with a Schottky di-
ode to ground.
Post Regulator for an Isolated Switching Power Supply
DS010801-5
Fixed Current Sink
DS010801-7
Adjustable Current Sink
DS010801-10
Output Capacitor ESR
DS010801-9
www.national.com
7


Similar Part No. - LM2990T-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2990T-15 TI-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15/NOPB TI1-LM2990T-15/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results

Similar Description - LM2990T-15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990T-15 TI1-LM2990T-15 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990QML TI1-LM2990QML Datasheet
456Kb / 12P
[Old version datasheet]   LM2990QML Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com