Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1142 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1142
Description  Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1142 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1142 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1142 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon NPN Power Transistor
2SD1142
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 50mA; IB= 0; L= 35mH
600
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 200mA; IC= 0
6
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 0.6A
4.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.6A
1.5
V
ICES
Collector Cutoff Current
VCB= 1500V; VEB= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
44
133
mA
hFE -1
DC Current Gain
IC= 0.5A; VCE= 10V
12
hFE -2
DC Current Gain
IC= 2A; VCE= 10V
5
18
Switching Times
tstg
Storage Time
IC = 2.5A,IB1 = IB2= 0.6A
10
μ
s
tf
Fall Time
1.0
μ
s


Similar Part No. - 2SD1142

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1140 TOSHIBA-2SD1140 Datasheet
195Kb / 4P
   NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD1140 TOSHIBA-2SD1140 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD1140 TOSHIBA-2SD1140 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
2SD1140 TOSHIBA-2SD1140_06 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) (Darlington Power Transistor)
2SD1140 TOSHIBA-2SD1140_09 Datasheet
148Kb / 5P
   Micro Motor Drive, Hammer Drive Applications
More results

Similar Description - 2SD1142

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com