Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ27C512 Datasheet(PDF) 2 Page - Micross Components

Part # SMJ27C512
Description  All inputs/outputs fully TTL compatible
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SMJ27C512 Datasheet(HTML) 2 Page - Micross Components

  SMJ27C512 Datasheet HTML 1Page - Micross Components SMJ27C512 Datasheet HTML 2Page - Micross Components SMJ27C512 Datasheet HTML 3Page - Micross Components SMJ27C512 Datasheet HTML 4Page - Micross Components SMJ27C512 Datasheet HTML 5Page - Micross Components SMJ27C512 Datasheet HTML 6Page - Micross Components SMJ27C512 Datasheet HTML 7Page - Micross Components SMJ27C512 Datasheet HTML 8Page - Micross Components SMJ27C512 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UVEPROM
SMJ27C512
SMJ27512
Rev. 1.2 01/10
Micross Components reserves the right to change products or specifications without notice.
2
FUNCTIONAL BLOCK DIAGRAM*
OPERATION
The seven modes of operation for the SMJ27C512 are listed in Table 1. The read mode requires a single 5V supply. All
inputs are TTL level except for V
PP during programming (13V for SNAP! Pulse), and 12V on A9 for signature mode.
TABLE 1. OPERATION MODES
* X can be V
IL or VIH
A0
A1
A2
A3
A4
A5
DQ0
A6
DQ1
A7
DQ2
A8
DQ3
A9
DQ4
A10
DQ5
A11
DQ6
A12
DQ7
A13
A14
A15
E\
G\ /VPP
&
10
[PWR DWN]
9
8
7
6
5
4
3
25
24
21
23
2
26
27
1
20
22
EN
A
A
A
A
A
A
A
A
11
12
13
15
16
17
18
19
EPROM 65,536 x 8
0
15
A
0
65,535
READ
OUTPUT
DISABLE
STANDBY PROGRAMMING VERIFY
PROGRAM
INHIBIT
E\ (20)
VIL
VIL
VIH
VIL
VIL
VIH
G\ /VPP (22)
VIL
VIH
X
VPP
VIL
VPP
VCC (28)
VCC
VCC
VCC
VCC
VCC
VCC
A9 (24)
X
X
X
X
X
X
VID
VID
A0 (10)
X
X
X
X
X
X
VIL
VIH
MFG
DEVICE
97h
85h
Data In
Data Out
High-Z
CODE
FUNCTION
(PINS)
SIGNATURE MODE
MODE*
DQ0-DQ7
(11-13, 15-19)
VCC
VIL
VIL
Data Out
High-Z
High-Z
* This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.


Similar Part No. - SMJ27C512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ27C512 TI-SMJ27C512 Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C512-15JM AUSTIN-SMJ27C512-15JM Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C512-20JM AUSTIN-SMJ27C512-20JM Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C512-25JM AUSTIN-SMJ27C512-25JM Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
More results

Similar Description - SMJ27C512

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
logo
Micross Components
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
MT5C2568 MICROSS-MT5C2568 Datasheet
217Kb / 17P
   All inputs and outputs are TTL compatible
AS5C4008 MICROSS-AS5C4008 Datasheet
141Kb / 17P
   All inputs and outputs are TTL-compatible
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C4008-70SAN ALSC-AS6C4008-70SAN Datasheet
643Kb / 10P
   All outputs TTL compatible
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com