Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.3110 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 7010.3110
Description  Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.3110 Datasheet(HTML) 2 Page - Schurter Inc.

  7010.3110 Datasheet HTML 1Page - Schurter Inc. 7010.3110 Datasheet HTML 2Page - Schurter Inc. 7010.3110 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
D1
www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.15 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.02
220
1)
790
21
0.00027
7010.3110
0.031
220
1)
1400
60
0.00029
7010.3120
0.04
220
1)
2400
155
0.00017
7010.3130
0.05
220
1)
3300
260
0.00017
7010.3140
0.063
220
1)
2250
220
0.00046
7010.3150
0.08
220
1)
1750
215
0.0012
7010.3160
0.1
220
1)
1200
175
0.003
7010.3210
0.125
220
1)
1550
295
0.0037
7010.3220
0.16
220
1)
1300
320
0.0076
7010.3230
0.2
220
1)
1200
375
0.012
l
7010.3240
0.25
220
1)
1000
400
0.025
l
7010.3250
0.31
220
1)
475
225
0.018
l
7010.3260
0.4
220
1)
310
185
0.054
l
7010.3270
0.5
220
1)
285
215
0.096
l
7010.3280
0.63
220
1)
310
300
0.14
l
7010.3290
0.8
220
1)
270
335
0.3
l
7010.3310
1
220
1)
150
215
0.81
7010.3410
1.25
220
1)
325
660
0.47
l
7010.3420
1.6
125
2)
300
790
0.93
l
7010.3430
2
125
2)
185
560
1.9
7010.3440
2.5
125
2)
285
1250
2.5
7010.3450
3.15
125
2)
145
670
7.1
7010.3460
4
125
2)
165
1050
10
7010.3470
5
125
2)
165
1300
18
7010.3480
6.3
125
2)
130
1200
41
7010.3510
8
32
3)
120
1400
79
7010.3520
10
32
3)
120
1750
145
7010.3530
12.5
32
3)
115
2000
300
7010.3620
15
32
3)
125
2750
460
7010.3630


Similar Part No. - 7010.3110

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.3110 SCHURTER-7010.3110 Datasheet
449Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3110 SCHURTER-7010.3110 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
More results

Similar Description - 7010.3110

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
70103110 SCHURTER-70103110 Datasheet
449Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20 Datasheet
303Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
00341527 SCHURTER-00341527 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
FSK5X20 SCHURTER-FSK5X20_V01 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
29.09.2021
FSK5X20 SCHURTER-FSK5X20_V02 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com