Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.6310.39 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 7010.6310.39
Description  Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.6310.39 Datasheet(HTML) 4 Page - Schurter Inc.

  7010.6310.39 Datasheet HTML 1Page - Schurter Inc. 7010.6310.39 Datasheet HTML 2Page - Schurter Inc. 7010.6310.39 Datasheet HTML 3Page - Schurter Inc. 7010.6310.39 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Non resettable fuses
172321
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
15
32
32
2)
110
1650
98
l
7010.6490.47
15
32
32
2)
110
1650
98
l
7010.6490.49
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 300 A @ 125 VAC/DC
2) 300 A @ 32 VAC/DC
Packaging Unit
.xx = .13 Plastic Bag, Fuse Length 86 mm (100 pcs.)
.xx = .37 Taped 19 cm Reel, Fuse Length 65 mm (1500 pcs.)
.xx = .39 Taped 19 cm Reel, Fuse Length 65 mm (5000 pcs.)
.xx = .47 Taped 19 cm Reel, Fuse Length 86 mm (1500 pcs.)
.xx = .49 Taped 19 cm Reel, Fuse Length 85 mm (5000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 7010.6310.39

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.6360.13 SCHURTER-7010.6360.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6360.13 SCHURTER-7010.6360.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
7010.6360.47 SCHURTER-7010.6360.47 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6370.13 SCHURTER-7010.6370.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6370.47 SCHURTER-7010.6370.47 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
More results

Similar Description - 7010.6310.39

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321 Datasheet
373Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172322 SCHURTER-172322_16 Datasheet
397Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322 Datasheet
434Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_18 Datasheet
430Kb / 5P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com