Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4410.0046 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4410.0046
Description  Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4410.0046 Datasheet(HTML) 4 Page - Schurter Inc.

  4410.0046 Datasheet HTML 1Page - Schurter Inc. 4410.0046 Datasheet HTML 2Page - Schurter Inc. 4410.0046 Datasheet HTML 3Page - Schurter Inc. 4410.0046 Datasheet HTML 4Page - Schurter Inc. 4410.0046 Datasheet HTML 5Page - Schurter Inc. 4410.0046 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Thermal (T- and TA-Line)
T12-211
www.schurter.com /PG17_20
Circuit Breakers
Typical internal resistance
Rated Current [A]
Internal Resistance [
Ω]
0.05
225.000
0.50
3.300
1.00
0.880
2.00
0.267
3.00
0.128
4.00
0.073
5.00
0.040
6.00
0.031
7.00
0.018
8.00
0.018
9.00
0.010
10.00
0.0087
11.00
0.0087
12.00
0.0087
13.00
0.0087
14.00
0.0070
15.00
0.0070
16.00
0.0055
Effect of ambient temperature
The units are calibrated for an ambient temperature of +23°C. To determine the rated cur-
rent for a lower or higher ambient temperature, use a correction factor (typical value) from
the table below:
Ambient temperature [°C]
Correction factor
-5
0.87
0
0.90
10
0.95
23
1.00
30
1.05
40
1.12
50
1.20
60
1.30
Example: Rated current = 5 A; Environmental temperature = 50 °C; --> Correction factor =
1.2; Resulting current = 6.0 A


Similar Part No. - 4410.0046

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4410.9001 SCHURTER-4410.9001 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9002 SCHURTER-4410.9002 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9003 SCHURTER-4410.9003 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9004 SCHURTER-4410.9004 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
4410.9005 SCHURTER-4410.9005 Datasheet
532Kb / 6P
   Circuit Breaker for Equipment thermal with Metal Actuator
More results

Similar Description - 4410.0046

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
T11-214 SCHURTER-T11-214_18 Datasheet
345Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-211 SCHURTER-T11-211 Datasheet
379Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T12-211 SCHURTER-T12-211_V01 Datasheet
460Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211 Datasheet
430Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_18 Datasheet
378Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T13-211 SCHURTER-T13-211_V01 Datasheet
431Kb / 7P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-214 SCHURTER-T11-214 Datasheet
336Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-214 SCHURTER-T11-214_V01 Datasheet
389Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311_V01 Datasheet
407Kb / 6P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
T11-311 SCHURTER-T11-311 Datasheet
342Kb / 5P
   Circuit Breaker for Equipment thermal, Threaded neck type, Reset type, Quick connect terminals
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com