Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.6320.49 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7010.6320.49
Description  Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.6320.49 Datasheet(HTML) 3 Page - Schurter Inc.

  7010.6320.49 Datasheet HTML 1Page - Schurter Inc. 7010.6320.49 Datasheet HTML 2Page - Schurter Inc. 7010.6320.49 Datasheet HTML 3Page - Schurter Inc. 7010.6320.49 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Non resettable fuses
172321
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.75
125
125
1)
155
120
0.28
l
7010.6350.49
1
125
125
1)
160
160
0.39
l
7010.6360.13
1
125
125
1)
160
160
0.39
l
7010.6360.37
1
125
125
1)
160
160
0.39
l
7010.6360.39
1
125
125
1)
160
160
0.39
l
7010.6360.47
1
125
125
1)
160
160
0.39
l
7010.6360.49
1.5
125
125
1)
165
250
0.52
l
7010.6370.13
1.5
125
125
1)
165
250
0.52
l
7010.6370.37
1.5
125
125
1)
165
250
0.52
l
7010.6370.39
1.5
125
125
1)
165
250
0.52
l
7010.6370.47
1.5
125
125
1)
165
250
0.52
l
7010.6370.49
2
125
125
1)
160
320
1.3
l
7010.6380.13
2
125
125
1)
160
320
1.3
l
7010.6380.37
2
125
125
1)
160
320
1.3
l
7010.6380.39
2
125
125
1)
160
320
1.3
l
7010.6380.47
2
125
125
1)
160
320
1.3
l
7010.6380.49
2.5
125
125
1)
145
365
1.6
l
7010.6390.13
2.5
125
125
1)
145
365
1.6
l
7010.6390.37
2.5
125
125
1)
145
365
1.6
l
7010.6390.39
2.5
125
125
1)
145
365
1.6
l
7010.6390.47
2.5
125
125
1)
145
365
1.6
l
7010.6390.49
3
125
125
1)
140
420
2.4
l
7010.6400.13
3
125
125
1)
140
420
2.4
l
7010.6400.37
3
125
125
1)
140
420
2.4
l
7010.6400.39
3
125
125
1)
140
420
2.4
l
7010.6400.47
3
125
125
1)
140
420
2.4
l
7010.6400.49
4
125
125
1)
125
500
5.7
l
7010.6410.13
4
125
125
1)
125
500
5.7
l
7010.6410.37
4
125
125
1)
125
500
5.7
l
7010.6410.39
4
125
125
1)
125
500
5.7
l
7010.6410.47
4
125
125
1)
125
500
5.7
l
7010.6410.49
5
125
125
1)
120
600
8.7
l
7010.6420.13
5
125
125
1)
120
600
8.7
l
7010.6420.37
5
125
125
1)
120
600
8.7
l
7010.6420.39
5
125
125
1)
120
600
8.7
l
7010.6420.47
5
125
125
1)
120
600
8.7
l
7010.6420.49
7
125
125
1)
110
770
15
l
7010.6440.13
7
125
125
1)
110
770
15
l
7010.6440.37
7
125
125
1)
110
770
15
l
7010.6440.39
7
125
125
1)
110
770
15
l
7010.6440.47
7
125
125
1)
110
770
15
l
7010.6440.49
10
125
125
1)
110
1100
46
l
7010.6470.13
10
125
125
1)
110
1100
46
l
7010.6470.37
10
125
125
1)
110
1100
46
l
7010.6470.39
10
125
125
1)
110
1100
46
l
7010.6470.47
10
125
125
1)
110
1100
46
l
7010.6470.49
12
32
32
2)
120
1450
57
l
7010.6480.13
12
32
32
2)
120
1450
57
l
7010.6480.37
12
32
32
2)
120
1450
57
l
7010.6480.39
12
32
32
2)
120
1450
57
l
7010.6480.47
12
32
32
2)
120
1450
57
l
7010.6480.49
15
32
32
2)
110
1650
98
l
7010.6490.13
15
32
32
2)
110
1650
98
l
7010.6490.37
15
32
32
2)
110
1650
98
l
7010.6490.39


Similar Part No. - 7010.6320.49

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.6360.13 SCHURTER-7010.6360.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6360.13 SCHURTER-7010.6360.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
7010.6360.47 SCHURTER-7010.6360.47 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6370.13 SCHURTER-7010.6370.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6370.47 SCHURTER-7010.6370.47 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
More results

Similar Description - 7010.6320.49

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321 Datasheet
373Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172322 SCHURTER-172322_16 Datasheet
397Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322 Datasheet
434Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_18 Datasheet
430Kb / 5P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com