Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.3520 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7010.3520
Description  Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.3520 Datasheet(HTML) 3 Page - Schurter Inc.

  7010.3520 Datasheet HTML 1Page - Schurter Inc. 7010.3520 Datasheet HTML 2Page - Schurter Inc. 7010.3520 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
D1
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.15 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
20
32
3)
95
2600
1800
7010.3650
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) 60 A @ 220 VAC , p.f. = 0.6 - 0.8
2) 300 A @ 125 VAC , p.f.
≥ 0.95 / Schurter: 60 A @ 220 VAC
3) 300 A @ 32 VAC , p.f.
≥ 0.95
Packaging Unit
Small Box Pack (10 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 7010.3520

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.3520 SCHURTER-7010.3520 Datasheet
449Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3520 SCHURTER-7010.3520 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
More results

Similar Description - 7010.3520

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
70103110 SCHURTER-70103110 Datasheet
449Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, NF, 220 VAC
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
FSF5X20 SCHURTER-FSF5X20 Datasheet
303Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
00341527 SCHURTER-00341527 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
FSK5X20 SCHURTER-FSK5X20_V01 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
29.09.2021
FSK5X20 SCHURTER-FSK5X20_V02 Datasheet
223Kb / 4P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com