Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL610-02E6C Datasheet(PDF) 5 Page - Microchip Technology

Part # PL610-02E6C
Description  1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL610-02E6C Datasheet(HTML) 5 Page - Microchip Technology

  PL610-02E6C Datasheet HTML 1Page - Microchip Technology PL610-02E6C Datasheet HTML 2Page - Microchip Technology PL610-02E6C Datasheet HTML 3Page - Microchip Technology PL610-02E6C Datasheet HTML 4Page - Microchip Technology PL610-02E6C Datasheet HTML 5Page - Microchip Technology PL610-02E6C Datasheet HTML 6Page - Microchip Technology PL610-02E6C Datasheet HTML 7Page - Microchip Technology PL610-02E6C Datasheet HTML 8Page - Microchip Technology PL610-02E6C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2016 Microchip Technology Inc.
DS20005616A-page 5
PL610-01/-02/-03
TABLE 1-6:
KEY PROGRAMMING PARAMETERS (OPTIONAL)
CLK[0:1]
Output Frequency
Crystal Load
Output Drive Strength
Output Dividers
CLK0 = FREF, FREF/2 or
FREF/P
Where P = 6-bit
Optional:
CLK1 = FREF, FREF/2 or
CLK0
Optional ‘Frequency
Tuning’ after encapsulation,
up to:
±50 ppm Tuning Range
Single-bit CL adjustment
for high/low frequency input
Three optional drive
strengths to choose from:
•Low: 4 mA
•Std: 8 mA (default)
• High: 16 mA
Optional 6-bit odd/even
output divider:
• ÷1 (default) to ÷63


Similar Part No. - PL610-02E6C

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01-XXXGC PLL-PL610-01-XXXGC Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Microchip Technology
PL610-01-XXXGC MICROCHIP-PL610-01-XXXGC Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
More results

Similar Description - PL610-02E6C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
   1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
   1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
PhaseLink Corporation
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Skyworks Solutions Inc.
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com