Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9901NG-G-M934 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV9901NG-G-M934
Description  Universal Relay Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9901NG-G-M934 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV9901NG-G-M934 Datasheet HTML 7Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 8Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 9Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 10Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 11Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 12Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 13Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 14Page - Microchip Technology HV9901NG-G-M934 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Symbol
A
A1
A2
b
D
E
E1
e
h
L
L1
L2
Dimension
(mm)
MIN
1.35*
0.10
1.25
0.31
9.80*
5.80*
3.80*
1.27
BSC
0.25
0.40
1.04
REF
0.25
BSC
0O
5O
NOM
-
-
-
-
9.90
6.00
3.90
-
-
-
-
MAX
1.75
0.25
1.65*
0.51
10.00* 6.20*
4.00*
0.50
1.27
8O
15O
JEDEC Registration MS-012, Variation AC, Issue E, Sept. 2005.
Drawings are not to scale.
Top View
Side View
View A-A
View B
A
A
Seating
Plane
16
1
Seating
Plane
Gauge
Plane
L
L1
L2
θ1
θ
View B
h
h
b
A
A2
A1
e
E
E1
D
Note 1
(Index Area
D/2 x E1/2)
Note:
1.
16-Lead SOIC (Narrow Body) Package Outline (NG)
Pins #2 and #3 Trimmed
9.90x3.90mm body, 1.75mm height (max), 1.27mm pitch
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
 2016 Microchip Technology Inc.
DS20005550A-page 11
HV9901


Similar Part No. - HV9901NG-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
More results

Similar Description - HV9901NG-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9901NG-G SUTEX-HV9901NG-G Datasheet
580Kb / 7P
   Universal Relay Driver
HV9901DB1 SUTEX-HV9901DB1 Datasheet
219Kb / 2P
   Universal Relay Driver
HV9901 SUTEX-HV9901 Datasheet
75Kb / 6P
   Universal Relay Driver
logo
Littelfuse
SCR9L LITTELFUSE-SCR9L Datasheet
369Kb / 2P
   Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
SCR LITTELFUSE-SCR Datasheet
515Kb / 2P
   Universal Lamp Alarm Relay
2016 Rev: 1-A-062316
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
NJM3545 NJRC-NJM3545 Datasheet
124Kb / 9P
   UNIVERSAL SINK DRIVER
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
   Addressable relay driver
August 31, 1994
logo
STMicroelectronics
74ACT8244 STMICROELECTRONICS-74ACT8244 Datasheet
168Kb / 7P
   RELAY DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com