Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.6470.37 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7010.6470.37
Description  Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.6470.37 Datasheet(HTML) 1 Page - Schurter Inc.

  7010.6470.37 Datasheet HTML 1Page - Schurter Inc. 7010.6470.37 Datasheet HTML 2Page - Schurter Inc. 7010.6470.37 Datasheet HTML 3Page - Schurter Inc. 7010.6470.37 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Non resettable fuses
172321
www.schurter.com /PG01_2
Fuses
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
125VAC · 125VDC · Quick-Acting F
Description
- High breaking capacity
Standards
- UL 248-14
- CSA C22.2 no. 248.14
References
Packaging Details
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Packaging
details, Approvals, CE declaration of conformity, RoHS, CHINA-RoHS,
REACH, Distributor-Stock-Check, Detailed request for product
Technical Data
Rated Voltage
32 - 125 VAC, 32 - 125 VDC
Rated current
0.063 - 15 A
Breaking Capacity
300 A
Characteristic
Quick-Acting F
Admissible Ambient Air Temp. -55 °C to 85 °C
Climatic Category
55/085/56 acc. to IEC 60068-1
Material: Tube
Ceramic
Material: Axial Leads
Tin-Plated Copper
Unit Weight
0.46 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Rated current
Soldering Methods
Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Resistance to Vibration
acc. to NF C 20-706 / IEC 60068-2-6,
test Fc
Shocks
acc. to NF C 20-706 / IEC 60068-2-27
Salt Mist
acc. to NF C 20-711 / IEC 60068-2-11
Dimension
8 mm
max. 8
=
=
86 / 65
In
≤ 10 A: ØA = 0.62 mm
In > 10 A: ØA = 0.82 mm
Pre-Arcing Time
Rated Current In
1.0 x In min.
2.0 x In max.
4.0 x In max.
0.063 A - 10 A
4 h
5 s
30 ms
12 A - 15 A
4 h
10 s
60 ms


Similar Part No. - 7010.6470.37

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.6360.13 SCHURTER-7010.6360.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6360.13 SCHURTER-7010.6360.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
7010.6360.47 SCHURTER-7010.6360.47 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6370.13 SCHURTER-7010.6370.13 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
7010.6370.47 SCHURTER-7010.6370.47 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
More results

Similar Description - 7010.6470.37

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321 Datasheet
373Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172322 SCHURTER-172322_16 Datasheet
397Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322 Datasheet
434Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_18 Datasheet
430Kb / 5P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com