Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010.7140.47 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 7010.7140.47
Description  Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7010.7140.47 Datasheet(HTML) 3 Page - Schurter Inc.

  7010.7140.47 Datasheet HTML 1Page - Schurter Inc. 7010.7140.47 Datasheet HTML 2Page - Schurter Inc. 7010.7140.47 Datasheet HTML 3Page - Schurter Inc. 7010.7140.47 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Non resettable fuses
172322
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Rated Vol-
tage [VDC]
Breaking
Capacity
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.0 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
0.75
125
125
1)
245
185
0.18
l
l
l
7010.7060.49
1
125
125
1)
210
210
0.3
l
l
l
7010.7070.13
1
125
125
1)
210
210
0.3
l
l
l
7010.7070.37
1
125
125
1)
210
210
0.3
l
l
l
7010.7070.39
1
125
125
1)
210
210
0.3
l
l
l
7010.7070.47
1
125
125
1)
210
210
0.3
l
l
l
7010.7070.49
1.5
125
125
1)
230
345
0.38
l
l
l
7010.7080.13
1.5
125
125
1)
230
345
0.38
l
l
l
7010.7080.37
1.5
125
125
1)
230
345
0.38
l
l
l
7010.7080.39
1.5
125
125
1)
230
345
0.38
l
l
l
7010.7080.47
1.5
125
125
1)
230
345
0.38
l
l
l
7010.7080.49
2
125
125
1)
190
380
1.1
l
l
l
7010.7090.13
2
125
125
1)
190
380
1.1
l
l
l
7010.7090.37
2
125
125
1)
190
380
1.1
l
l
l
7010.7090.39
2
125
125
1)
190
380
1.1
l
l
l
7010.7090.47
2
125
125
1)
190
380
1.1
l
l
l
7010.7090.49
2.5
125
125
1)
175
440
1.4
l
l
l
7010.7100.13
2.5
125
125
1)
175
440
1.4
l
l
l
7010.7100.39
2.5
125
125
1)
175
440
1.4
l
l
l
7010.7100.47
2.5
125
125
1)
175
440
1.4
l
l
l
7010.7100.49
3
125
125
1)
170
510
2
l
l
l
7010.7110.13
3
125
125
1)
170
510
2
l
l
l
7010.7110.39
3
125
125
1)
170
510
2
l
l
l
7010.7110.47
3
125
125
1)
170
510
2
l
l
l
7010.7110.49
3.5
32
32
2)
160
560
2.6
l
l
l
7010.7180.13
3.5
32
32
2)
160
560
2.6
l
l
l
7010.7180.37
3.5
32
32
2)
160
560
2.6
l
l
l
7010.7180.39
3.5
32
32
2)
160
560
2.6
l
l
l
7010.7180.47
3.5
32
32
2)
160
560
2.6
l
l
l
7010.7180.49
4
125
125
1)
180
720
4
l
l
l
7010.7120.13
4
125
125
1)
180
720
4
l
l
l
7010.7120.37
4
125
125
1)
180
720
4
l
l
l
7010.7120.39
4
125
125
1)
180
720
4
l
l
l
7010.7120.47
4
125
125
1)
180
720
4
l
l
l
7010.7120.49
5
125
125
1)
170
850
6.2
l
l
l
7010.7130.13
5
125
125
1)
170
850
6.2
l
l
l
7010.7130.37
5
125
125
1)
170
850
6.2
l
l
l
7010.7130.39
5
125
125
1)
170
850
6.2
l
l
l
7010.7130.47
5
125
125
1)
170
850
6.2
l
l
l
7010.7130.49
7
125
125
1)
135
945
13
l
l
l
7010.7140.13
7
125
125
1)
135
945
13
l
l
l
7010.7140.37
7
125
125
1)
135
945
13
l
l
l
7010.7140.39
7
125
125
1)
135
945
13
l
l
l
7010.7140.47
7
125
125
1)
135
945
13
l
l
l
7010.7140.49
10
125
125
1)
130
1300
39
l
l
l
7010.7150.13
10
125
125
1)
130
1300
39
l
l
l
7010.7150.37
10
125
125
1)
130
1300
39
l
l
l
7010.7150.39
10
125
125
1)
130
1300
39
l
l
l
7010.7150.47
10
125
125
1)
130
1300
39
l
l
l
7010.7150.49
12
32
32
2)
130
1450
57
l
l
l
7010.7160.13
12
32
32
2)
130
1450
57
l
l
l
7010.7160.37
12
32
32
2)
130
1450
57
l
l
l
7010.7160.39
12
32
32
2)
130
1450
57
l
l
l
7010.7160.47
12
32
32
2)
130
1450
57
l
l
l
7010.7160.49


Similar Part No. - 7010.7140.47

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7010.7100.13 SCHURTER-7010.7100.13 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
More results

Similar Description - 7010.7140.47

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
172322 SCHURTER-172322 Datasheet
434Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_18 Datasheet
430Kb / 5P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
172322 SCHURTER-172322_V01 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V01 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
29.09.2021
172322 SCHURTER-172322_V02 Datasheet
373Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
172321 SCHURTER-172321 Datasheet
373Kb / 2P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_18 Datasheet
360Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_16 Datasheet
379Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
172321 SCHURTER-172321_V02 Datasheet
358Kb / 4P
   Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
MSF125 SCHURTER-MSF125_18 Datasheet
296Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com