Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813N252I-09 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 813N252I-09
Description  VCXO Jitter Attenuator & FemtoClock Multiplier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

813N252I-09 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 813N252I-09_15 Datasheet HTML 3Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 4Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 5Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 6Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 7Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 8Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 9Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 10Page - Integrated Device Technology 813N252I-09_15 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
©2015 Integrated Device Technology, Inc.
Revision C, December 10, 2015
813N252I-09 Datasheet
Table 4C. Differential DC Characteristics, VCC = VCCO = VCCX = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Common mode voltage is defined at the cross point.
Table 4D. LVPECL DC Characteristics, VCC = VCCO = VCCX = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
 to V
CCO – 2V. See Parameter Measurement Information section, 3.3V Output Load Test Circuit.
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = VCCO = VCCX = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: Characterized with outputs at the same frequency using the loop filter components for the mid loop bandwidth.
Refer to VCXO-PLL Loop Bandwidth Selection Table.
NOTE 1: Refer to the Phase Noise Plot.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 4: Lock Time measured from power-up to stable output frequency.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK0, nCLK0,
CLK1, nCLK1
VCC = VIN = 3.465V
150
µA
IIL
Input Low Current
CLK0, CLK1
VCC = 3.465V, VIN = 0V
-10
µA
nCLK0, nCLK1
VCC = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Input Voltage
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1
VEE
VCC – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.10
VCCO – 0.75
V
VOL
Output Low Voltage; NOTE 1
VCCO – 2.0
VCCO – 1.6
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input Frequency
0.008
155.52
MHz
fOUT
Output Frequency
25
312.5
MHz
tjit(Ø)
RMS Phase Jitter, (Random),
NOTE 1
125MHz fOUT, 25MHz crystal,
Integration Range: 12kHz – 20MHz
0.25
0.35
ps
tjit(pk-pk)
Peak-to-Peak Jitter
1e-12 BER
25
ps
tsk(o)
Output Skew; NOTE 2, 3
25
ps
tR / tF
Output Rise/Fall Time
20% to 80%
140
400
ps
odc
Output Duty Cycle
48
52
%
tLOCK
VCXO & FemtoClock PLL
Lock Time; NOTE 4
6S


Similar Part No. - 813N252I-09_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
More results

Similar Description - 813N252I-09_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
   VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
   VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813N252I-02 IDT-ICS813N252I-02 Datasheet
336Kb / 24P
   Jitter Attenuator & FemtoClock NG짰 Multiplier
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com