Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843S1333DGLF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 843S1333DGLF
Description  Crystal-to-3.3V LVPECL Clock Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843S1333DGLF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 843S1333DGLF Datasheet HTML 5Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 6Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 7Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 8Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 9Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 10Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 11Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 12Page - Integrated Device Technology 843S1333DGLF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
©2015 Integrated Device Technology, Inc
Revision A
December 2, 2015
843S1333D Data Sheet
Schematic Example
Figure 5 shows an example of the ICS843S133D application
schematic. In this example, the device is operated at VCC = 3.3V. The
18pF parallel resonant 20MHz crystal is used. The C1 and C2 = 28pF
are recommended for frequency accuracy. For different board layout,
the C1 and C2 may be slightly adjusted for optimizing frequency
accuracy. Two examples of LVPECL termination are shown in this
schematic. Additional termination approaches are shown in the
LVPECL Termination Application Note.
Figure 5. 843S1333D Schematic Example
R4
82.5
Set Logic
Input to
'0'
VCCA
C1
28pF
+
-
1 8 p F
VCC
C2
28pF
C5
0.01u
Zo = 50 Ohm
OE
Zo = 50 Ohm
VCC=3.3V
R3
133
RU1
1K
VCC
VCC
Set Logic
Input to
'1'
R5
82.5
XTAL_IN
Logic Control Input Examples
C4
10uF
RD2
1K
VCC
VCC
XTAL_OUT
Optional
Y-Termination
+
-
R6
50
nQ
3.3V
Zo = 50 Ohm
RD1
Not Install
R8
50
R2
133
R7
50
Zo = 50 Ohm
C3
0.01u
To Logic
Input
pins
X1
20MHz
To Logic
Input
pins
R1
10
RU2
Not Install
U1
1
2
3
4
8
7
6
5
VCCA
VEE
XTAL_OUT
XTAL_IN
VCC
Q
nQ
OE
Q


Similar Part No. - 843S1333DGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1333DGLF RENESAS-843S1333DGLF Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
843S1333DGLFT RENESAS-843S1333DGLFT Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
More results

Similar Description - 843S1333DGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
843022I-48 IDT-843022I-48 Datasheet
184Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843251I-14 RENESAS-843251I-14 Datasheet
432Kb / 17P
   FemtoClockTM Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
10/23/15
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
ICS843156 RENESAS-ICS843156 Datasheet
488Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
May 26, 2016
ICS843156I RENESAS-ICS843156I Datasheet
475Kb / 21P
   Crystal-to-LVPECL Clock Synthesizer
NOVEMBER 28, 2012
843022I-48 RENESAS-843022I-48 Datasheet
382Kb / 17P
   FemtoClock® Crystal-to-3.3V, 2.5V LVPECL Clock Synthesizer
9/25/15
logo
Integrated Device Techn...
843S1066D IDT-843S1066D Datasheet
321Kb / 15P
   Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com