Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

813N252BKI-09LFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 813N252BKI-09LFT
Description  VCXO Jitter Attenuator & FemtoClock Multiplier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

813N252BKI-09LFT Datasheet(HTML) 1 Page - Integrated Device Technology

  813N252BKI-09LFT Datasheet HTML 1Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 2Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 3Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 4Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 5Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 6Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 7Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 8Page - Integrated Device Technology 813N252BKI-09LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
©2015 Integrated Device Technology, Inc.
Revision C, December 10, 2015
General Description
The 813N252I-09 is a PLL based synchronous multiplier that is
optimized for PDH or SONET to Ethernet clock jitter attenuation and
frequency translation. The device contains two internal frequency
multiplication stages that are cascaded in series. The first stage is a
VCXO PLL that is optimized to provide reference clock jitter
attenuation. The second stage is a FemtoClock™frequency multiplier
that provides the low jitter, high frequency Ethernet output clock that
easily meets Gigabit and 10 Gigabit Ethernet jitter requirements.
Pre-divider and output divider multiplication ratios are selected using
device selection control pins. The multiplication ratios are optimized
to support most common clock rates used in PDH, SONET and
Ethernet applications. The VCXO requires the use of an external,
inexpensive pullable crystal. The VCXO uses external passive loop
filter components which allows configuration of the PLL loop
bandwidth and damping characteristics. The device is packaged in a
space-saving 32-VFQFN package and supports industrial
temperature range.
Features
Two LVPECL output pairs
Each output supports independent frequency selection at 25MHz,
125MHz, 156.25MHz and 312.5MHz
Two differential inputs support the following input types: LVPECL,
LVDS, LVHSTL, SSTL, HCSL
Accepts input frequencies from 8kHz to 155.52MHz including
8kHz, 1.544MHz, 2.048MHz, 19.44MHz, 25MHz, 77.76MHz,
125MHz and 155.52MHz
Attenuates the phase jitter of the input clock by using a low-cost
pullable fundamental mode VCXO crystal
VCXO PLL bandwidth can be optimized for jitter attenuation and
reference tracking using external loop filter connection
FemtoClock frequency multiplier provides low jitter, high frequency
output
Absolute pull range: 50ppm
FemtoClock VCO frequency: 625MHz
RMS phase jitter @ 125MHz, using a 25MHz crystal
(12kHz – 20MHz): 0.25ps (typical) and 0.35ps (maximum)
3.3V supply voltage
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
LF1
LF0
ISET
VEE
CLK_SEL
VCC
RESERVED
VEE
VEE
nQB
QB
VCCO
nQA
QA
VEE
ODASEL_0
Pin Assignment
813N252I-09
32 Lead VFQFN
5mm x 5mm x 0.925mm package body
3.15mm x 3.15mm EPad
K Package
Top View
813N252I-09
Datasheet
VCXO Jitter Attenuator &
FemtoClock® Multiplier


Similar Part No. - 813N252BKI-09LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
813N252BKI-04LF IDT-813N252BKI-04LF Datasheet
391Kb / 26P
   VCXO Jit ter At tenuator & FemtoClock NG Mult iplier
813N252BKI-04LFT IDT-813N252BKI-04LFT Datasheet
391Kb / 26P
   VCXO Jit ter At tenuator & FemtoClock NG Mult iplier
More results

Similar Description - 813N252BKI-09LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS813252I-02 IDT-ICS813252I-02 Datasheet
2Mb / 22P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
   VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
   VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813N252I-02 IDT-ICS813N252I-02 Datasheet
336Kb / 24P
   Jitter Attenuator & FemtoClock NG짰 Multiplier
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com