Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821024 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 821024
Description  QUAD NON-PROGRAMMABLE PCM CODEC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

821024 Datasheet(HTML) 5 Page - Integrated Device Technology

  821024 Datasheet HTML 1Page - Integrated Device Technology 821024 Datasheet HTML 2Page - Integrated Device Technology 821024 Datasheet HTML 3Page - Integrated Device Technology 821024 Datasheet HTML 4Page - Integrated Device Technology 821024 Datasheet HTML 5Page - Integrated Device Technology 821024 Datasheet HTML 6Page - Integrated Device Technology 821024 Datasheet HTML 7Page - Integrated Device Technology 821024 Datasheet HTML 8Page - Integrated Device Technology 821024 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
REVISION A 06/25/14
821024 DATA SHEET
5
QUAD NON-PROGRAMMABLE
PCM CODEC
FUNCTIONAL DESCRIPTION
The IDT821024 contains four channel PCM CODEC with on chip digital
filters. It provides the four-wire solution for the subscriber line circuitry in
digital switches. The device converts analog voice signal to digital PCM
data, and converts digital PCM data back to analog signal. Digital filters
are used to bandlimit the voice signals during the conversion. Either A-law
or μ-law is supported by the IDT821024. The law selection is performed
by A/μ pin.
The frequency of the master clock (MCLK) can be 2.048 MHz, 4.096 MHz,
or 8.192 MHz. Internal circuitry determines the master clock frequency
automatically.
The serial PCM data for four channels are time multiplexed via two pins,
DX and DR. The time slots of the four channels are determined by the
individual Frame Sync signals at rates from 256 kHz to 8.192 MHz. For
each channel, the IDT821024 provides a transmit Frame Sync signal and
a receive Frame Sync signal.
Each channel of the IDT821024 can be powered down independently to
save power consumption. The Channel Power Down Pins PDN1-4 configure
channels to be active (power-on) or standby (power-down) separately.
Signal Processing
High performance oversampling Analog-to-Digital Converters (ADC) and
Digital-to-Analog Converters (DAC) are used in the IDT821024 to provide
the required conversion accuracy. The associated decimation and interpo-
lation filtering are realized with both dedicated hardware and Digital Signal
Processor (DSP). The DSP also handles all other necessary functions such
as PCM bandpass filtering and sample rate conversion.
Transmit Signal Processing
In the transmit path, the analog input signal is received by the ADC and
converted into digital data. The digital output of the oversampling ADC is
decimated and sent to the DSP. The transmit filter is implemented in the
DSP as a digital bandpass filter. The filtered signal is further decimated
and compressed to PCM format.
Transmit PCM Interface
The transmit PCM interface clocks out 1 byte (8 bits) PCM data out of
DX pin every 125
μs. The transmit logic, synchronized by the Transmit
Frame Sync signal (FSXn), controls the data transmission. The FSXn
pulse identifies the transmit time slot of the PCM frame for Channel N.
The PCM Data is transmitted serially on DX pin with the Most Significant
Bit (MSB) first. When the PCM data is being output on DX pin, the TSC
signal will be pulled low.
Receive Signal Processing
In the receive path, the PCM code is received at the rate of 8,000
samples per second. The PCM code is expanded and sent to the DSP
for interpolation. A receive filter is implemented in the DSP as a digital
lowpass filter. The filtered signal is then sent to an oversampling DAC. The
DAC output is post-filtered and delivered at VOUT pin by an amplifier. The
amplifier can drive resistive load higher than 2 K
Ω.
Receive PCM Interface
The receive PCM interface clocks 1 byte (8 bits) PCM data into DR
pin every 125
μs. The receive logic, synchronized by the Receive Frame
Sync signal (FSRn), controls the data receiving process. The FSRn pulse
identifies the receive time slot of the PCM frame for Channel N. The PCM
Data is received serially on DR pin with the Most Significant Bit (MSB) first.
Hardware Gain Setting In Transmit Path
The transmit gain of the IDT821024 for each channel can be set by 2
resistors, R
REF and RTXn (as shown in Figure 1), according to the following
equation:
The receive gain of IDT821024 is fixed and equal to 1.
Figure 1. IDT821024 Transmit Gain Setting for Channel 1


Similar Part No. - 821024

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results

Similar Description - 821024

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com