Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3245PPG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74CBTLV3245PPG8
Description  LOW-VOLTAGE OCTAL BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3245PPG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  74CBTLV3245PPG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3245PPG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3245PPG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3245PPG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3245PPG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74CBTLV3245
LOW-VOLTAGEOCTALBUSSWITCH
PIN CONFIGURATION
QSOP / TSSOP
TOP VIEW
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
SupplyVoltage
2.3
3.6
V
VIH
High-LevelControlInputVoltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-LevelControlInputVoltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
−40
85
°C
OPERATING CHARACTERISTICS, TA = 25°C(1)
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
Symbol
Description
Max
Unit
VCC
SupplyVoltage Range
–0.5 to +4.6
V
VI
Input Voltage Range
–0.5 to +4.6
V
Continuous Channel Current
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Input
OE
Operation
L
A Port = B Port
H
Isolation
FUNCTION TABLE(1)
Pin Names
Description
OE
Output Enable (Active LOW)
A x
Port A Inputs or Outputs
B x
Port B Inputs or Outputs
PIN DESCRIPTION
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
A1
A2
A3
A4
A6
A7
A8
GND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
NC
A5


Similar Part No. - 74CBTLV3245PPG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV3245PGG RENESAS-74CBTLV3245PGG Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
74CBTLV3245PGG8 RENESAS-74CBTLV3245PGG8 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Nexperia B.V. All right...
74CBTLV3245PW NEXPERIA-74CBTLV3245PW Datasheet
267Kb / 15P
   8-bit bus switch with output enable
74CBTLV3245PW-Q100 NEXPERIA-74CBTLV3245PW-Q100 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
More results

Similar Description - 74CBTLV3245PPG8

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com