Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3257PPG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 74CBTLV3257PPG
Description  LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3257PPG Datasheet(HTML) 4 Page - Integrated Device Technology

  74CBTLV3257PPG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3257PPG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3257PPG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3257PPG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3257PPG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74CBTLV3257
LOW-VOLTAGE QUAD 2:1 MUX/DEMUX BUS SWITCH
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
500
CL
RT
VIN
VOUT
(1, 2)
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VOL + VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH -VHZ
TEST CIRCUITS AND WAVEFORMS
Test Circuits for All Outputs
Enable and Disable Times
Propagation Delay
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2.5ns.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Symbol
VCC(1)=3.3V±0.3V
VCC(2)=2.5V±0.2V
Unit
VLOAD
6
2 x Vcc
V
VIH
3
Vcc
V
VT
1.5
Vcc / 2
V
VLZ
300
150
mV
VHZ
300
150
mV
CL
50
30
pF
TEST CONDITIONS
Test
Switch
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
tSEL
Open
tPD
Open
SWITCH POSITION


Similar Part No. - 74CBTLV3257PPG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV3257PGG RENESAS-74CBTLV3257PGG Datasheet
268Kb / 6P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
MAY 2019
74CBTLV3257PGG8 RENESAS-74CBTLV3257PGG8 Datasheet
268Kb / 6P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
MAY 2019
logo
NXP Semiconductors
74CBTLV3257PW NXP-74CBTLV3257PW Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74CBTLV3257PW NEXPERIA-74CBTLV3257PW Datasheet
359Kb / 21P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 8 - 21 March 2023
74CBTLV3257PW-Q100 NEXPERIA-74CBTLV3257PW-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
More results

Similar Description - 74CBTLV3257PPG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257 Datasheet
124Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3257 RENESAS-74CBTLV3257 Datasheet
268Kb / 6P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3257 IDT-IDT74CBTLV3257_08 Datasheet
389Kb / 5P
   LOW-VOLTAGE QUAD 2:1MUX/DEMUX BUS SWITCH Over-voltage tolerant
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
   3.3V, Quad 2:1 Mux/Demux Bus Switch
logo
Savitech Corp.
SV73257C SAVITECH-SV73257C Datasheet
267Kb / 8P
   8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
SV73257A SAVITECH-SV73257A Datasheet
267Kb / 8P
   8KV ESD, Low-Voltage, High-Bandwidth Quad 2:1 MUX/DEMUX Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com