Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3862QG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 74CBTLV3862QG
Description  LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3862QG Datasheet(HTML) 3 Page - Integrated Device Technology

  74CBTLV3862QG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3862QG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3862QG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3862QG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3862QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3862
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: TA = –40°C to +85°C
NOTES:
1. Typical Values are at VCC = 3.3V, +25°C ambient.
2. The increase in supply current is attributable to each input that is at the specified voltage level rather than VCC or GND.
3. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch.
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIK
Control Inputs, Data I/O
VCC = 3V, II = –18mA
–1.2
V
II
Control Inputs, Data I/O
VCC = 3.6V, VI = VCC or GND
±1
μA
IOZ
Data I/O
VCC = 3.6V, VO = 0V or 3.6V switch disabled
5
μA
IOFF
VCC = 0V, VI or VO = 0V or 3.6V
50
μA
ICC
VCC = 3.6V, IO = 0, VI = VCC or GND
10
μA
ΔICC(2)
ControlInputs
VCC = 3.6V, one input at 3V, other inputs at VCC or GND
300
μA
CI
ControlInputs
VI = 3V or 0
4
pF
CIO(OFF)
VO = 3V or 0 (switch off)
6
pF
VCC = 2.3V
VI = 0
IO = 64mA
5
8
Typ. at VCC = 2.5V
IO = 24mA
5
8
RON(3)
VI = 1.7V
IO = 15mA
27
40
Ω
VI = 0
IO = 64mA
5
7
VCC = 3V
IO = 24mA
5
7
VI = 2.4V
IO = 15mA
10
15
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPD(1)
PropagationDelay
0.15
0.25
ns
A to B or B to A
tEN
OutputEnableTime
1
4.5
1
4.2
ns
OE to A or B
tDIS
OutputDisableTime
1
5
1
5
ns
OE to A or B
tEN
OutputEnableTime
1
4.5
1
4.2
ns
OE to A or B
tDIS
OutputDisableTime
1
5
1
6
ns
OE to A or B
NOTE:
1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source
(zero output impededance).
SWITCHINGCHARACTERISTICS


Similar Part No. - 74CBTLV3862QG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV3862QG RENESAS-74CBTLV3862QG Datasheet
252Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
DECEMBER 2014
74CBTLV3862QG8 RENESAS-74CBTLV3862QG8 Datasheet
252Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
DECEMBER 2014
More results

Similar Description - 74CBTLV3862QG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74CBTLV3862 RENESAS-IDT74CBTLV3862 Datasheet
252Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
DECEMBER 2014
logo
Integrated Device Techn...
IDT74CBTLVR3862 IDT-IDT74CBTLVR3862 Datasheet
68Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDT74CBTLV3862 IDT-IDT74CBTLV3862 Datasheet
64Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
   2-Bit Bus Switch with Active Low Enables
PI5C3306 PERICOM-PI5C3306 Datasheet
40Kb / 3P
   2-Bit Bus Switch with Active Low Enables
logo
Integrated Device Techn...
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
   Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
   3.3V Quad Bus Switch with Individual Active Low Enables
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com