Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP5SD-A-G1-R Datasheet(PDF) 11 Page - Integrated Device Technology

Part # SAP5SD-A-G1-R
Description  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

SAP5SD-A-G1-R Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button SAP5SD-A-G1-R Datasheet HTML 7Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 8Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 9Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 10Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 11Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 12Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 13Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 14Page - Integrated Device Technology SAP5SD-A-G1-R Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
SAP51 / SAP5S Datasheet
© 2016 Integrated Device Technology, Inc.
11
January 28, 2016
3
Basic Functional Description
Note: Unless otherwise noted, the product name SAP5 refers to both the SAP51 and the SAP5S.
The SAP5 is a low-level field bus IC designed for AS-i (Actuator Sensor Interface), which provides a secure
interconnection for sensors, actuators, and switches via a two-wire unshielded cable.
The SAP5 is used as part of a master or slave node and functions as an interface to the physical bus. It provides
the power supply, physical data transfer, and communication protocol handling. The SAP5 can be programmed by
the user to operate in Standard Slave Mode, Safety Mode (SAP5S only), or Master Mode. The special AS-i Safety
Mode (SAP5S only) assures short response times regarding security-related events.
Configuration data are stored in a programmable internal EEPROM.
The SAP5 is optimized for harsh environments by its special burst protection circuitry and excellent electro-
magnetic compatibility.
3.1.
Functional Block Diagram
Figure 3.1
Functional Block Diagram
neg
Main
State
Machine
Power
Supply
pos
MAN
UART
LTGP
LTGN
CDC
U5R
P[3:0]
D[3:0]
Output
LED1, LED2
I / O
DSTBn
Output
PSTBn
Input
PFAULT
DSTB
LED
PSTB
PFAULT
EEPROM
OSC1
OSC2
clk
Oscillator
PLL
Offset
I / O
Offset
I / O
Param
Data
UOUT
Thermal
Protection
APF
Power
Fail Detector
Receiver
Transmitter
Electronic
Inductor


Similar Part No. - SAP5SD-A-G1-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAP5SD-A-G1-R ETC2-SAP5SD-A-G1-R Datasheet
657Kb / 63P
   Universal Actuator-Sensor Interface IC
More results

Similar Description - SAP5SD-A-G1-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
List of Unclassifed Man...
ASI4U ETC2-ASI4U_12 Datasheet
735Kb / 64P
   3.0 Compliant Universal AS-I IC
logo
ams AG
AS2702 AMSCO-AS2702_1 Datasheet
140Kb / 13P
   AS-Interface Slave IC
AS2702 AMSCO-AS2702 Datasheet
119Kb / 18P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-E ZMD-A2SI-E Datasheet
132Kb / 2P
   Advanced AS-Interface IC
logo
ams AG
AS2701A AMSCO-AS2701A Datasheet
180Kb / 16P
   AS-Interface Slave IC
logo
Zentrum Mikroelektronik...
A2SI-L14-ST ZMD-A2SI-L14-ST Datasheet
136Kb / 2P
   Low End Device AS-Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com