Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PVL06FLS41 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PVL06FLS41
Description  All DIMENSION IN MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PVL06FLS41 Datasheet(HTML) 1 Page - E-SWITCH

  52-PVL06FLS41 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PVL06FLS41
2:1
9/2/2016
52-PVL06FLS41
A
MJR
1
1
+
-
LED SCHEMATIC
+
-
1
2
1
2
RECOMMENDED
PANEL MOUNTING
1-6mm THICKNESS
A
22482
NEW RELEASE
9/2/16
MJR
7.00
[.276 in]
3.00
[.118 in]
1.00
[.039 in]
34.50
[1.358 in]
2.10
[.083 in]
M6 x 0.5
THREAD
2.00
[.079 in]
.50
[.020 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25 C to 55 C
5. CURRENT RATING: 2mA-20mA
6. LAMP VOLTAGE: 2.8V
7. IP RATING: IP67
8.
DENOTES CRITICAL PARAMETER.
9. HARDWARE SUPPLIED: O-RING AND HEXNUT
10 2011/65/EU (ROHS) COMPLIANT.
6.20
[.244 in]
BODY FINISH
STAINLESS STEEL
BLUE LENS


Similar Part No. - 52-PVL06FLS41

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PVL06FLS11 E-SWITCH-52-PVL06FLS11 Datasheet
164Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
52-PVL06FLS31 E-SWITCH-52-PVL06FLS31 Datasheet
153Kb / 1P
   All DIMENSION IN MM
More results

Similar Description - 52-PVL06FLS41

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com