Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI8454PCIF Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI8454PCIF
Description  Integrated DO-160G Level 3 Lightning Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8454PCIF Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI8454PCIF Datasheet HTML 1Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 2Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 3Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 4Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 5Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 6Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 7Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 8Page - Holt Integrated Circuits HI8454PCIF Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
5
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
TEST INPUTS
Logic Input Voltage
High
V
IH
80%V
DD
V
Low
V
IL
20%V
DD
V
Logic Input Current
Sink
I
IH
V
IH = VDD
200
μA
Source
I
IL
V
IL = 0V
-1.0
μA
OUTPUTS
Logic Output Voltage
High
V
OH
I
OH = -5.0mA, VDD = 5.0V
2.4
V
I
OH = -4.0mA, VDD = 3.3V
2.4
V
Low
V
OL
I
OH = 5.0mA, VDD = 5.0V
0.4
V
I
OH = 4.0mA, VDD = 3.3V
0.5
Logic Output Voltage
(CMOS)
High
V
OHC
I
OH=-100μA
V
DD−0.2
V
Low
V
OLC
I
OL=100μA
GND+0.2
V
SUPPLY CURRENT
V
DD Current
(HI-8454, HI-8455)
I
DD
V
DD = 5.0V
14
20
mA
V
DD = 3.3V
9
15
mA
V
DD Current
(HI-8450, HI-8451)
I
DD
V
DD = 5.0V
12
18
mA
V
DD = 3.3V
8
14
mA
Table 4. AC Electrical Characteristics
V
DD = +5.0V ± 10% or +3.3V ± 10%, GND = 0V, TA = Operating Temperature Range (unless otherwise stated)
Parameters
Symbol
Test Conditions
Min
Typ
Max
Units
SWITCHING CHARACTERISTICS
Propagation Delay
IN to OUT
t
LH
C
L = 50pF
150
300
ns
t
HL
C
L = 50pF
150
300
ns
Output Rise Time
t
R
10% to 90%
15
50
ns
Output Fall Time
t
F
90% to 10%
15
50
ns
Propagation Delay
TEST to OUT
t
TOH
50
ns
t
TOL
50
ns


Similar Part No. - HI8454PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8444PSIF HOLTIC-HI8444PSIF Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI8444PSIF10 HOLTIC-HI8444PSIF10 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results

Similar Description - HI8454PCIF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8456 HOLTIC-HI-8456 Datasheet
1Mb / 16P
   Octal ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8454 HOLTIC-HI-8454 Datasheet
960Kb / 11P
   Single / Quad ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597 Datasheet
854Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597_15 Datasheet
862Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
SP4031 LITTELFUSE-SP4031 Datasheet
598Kb / 5P
   Lightning Surge Protection - SP4031
2019 Littelfuse, Inc
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
LNBTVSX-22XX STMICROELECTRONICS-LNBTVSX-22XX Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com