Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI8455PSTF Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI8455PSTF
Description  Integrated DO-160G Level 3 Lightning Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8455PSTF Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI8455PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 9Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 10Page - Holt Integrated Circuits HI8455PSTF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
11
3.400± 0.050
(0.134± 0.002)
0.400± 0.050
(0.016± 0.002)
0.25
(0.010)
0.50
(0.0197)
0.200
(0.008)
1.00
(0.039)
5.000
(0.197)
BSC
3.400± 0.050
(0.134± 0.002)
typ
typ
Bottom
View
TopView
BSC
5.000
(0.197)BSC
max
Electrically isolated heat sink
pad on bottom of package.
Connect to any ground or
power plane for optimum
thermal dissipation.
millimeters (inches)
Package Type: 32PCS
32-PIN PLASTIC CHIP-SCALE PACKAGE (QFN)
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)


Similar Part No. - HI8455PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8444PSIF HOLTIC-HI8444PSIF Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI8444PSIF10 HOLTIC-HI8444PSIF10 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results

Similar Description - HI8455PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8456 HOLTIC-HI-8456 Datasheet
1Mb / 16P
   Octal ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8454 HOLTIC-HI-8454 Datasheet
960Kb / 11P
   Single / Quad ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597 Datasheet
854Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597_15 Datasheet
862Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
SP4031 LITTELFUSE-SP4031 Datasheet
598Kb / 5P
   Lightning Surge Protection - SP4031
2019 Littelfuse, Inc
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
LNBTVSX-22XX STMICROELECTRONICS-LNBTVSX-22XX Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com