Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI8445PSTF Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI8445PSTF
Description  ARINC 429 Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8445PSTF Datasheet(HTML) 9 Page - Holt Integrated Circuits

  HI8445PSTF Datasheet HTML 1Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 2Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 3Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 4Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 5Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 6Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 7Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 8Page - Holt Integrated Circuits HI8445PSTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HI-8444, HI-8445, HI-8448 PACKAGE DIMENSIONS
HOLT INTEGRATED CIRCUITS
9
millimeters (inches)
Package Type: 38HS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
38-PIN PLASTIC TSSOP
0° to 8°
Pin 1
0.220 ± 0.050
(0.0087 ± 0.002)
9.700 ± 0.100
(0.382 ± 0.004)
4.400 ± 0.100
(0.173 ± 0.004)
0.145 ± 0.055
(0.006 ± 0.002)
0.925 ± 0.125
(0.036 ± 0.005)
0.100 ± 0.050
(0.004 ± 0.002)
0.600 ± 0.150
(0.024
)
± 0.006
6.400 ± 0.150
(0.252
)
± 0.006
Detail A
See Detail A
0.500
(0.0197)
BSC
44-PIN PLASTIC CHIP-SCALE PACKAGE (QFN)
Package Type: 44PCS
BSC = “Basic Spacing between Centers”
is theoretical true position dimension and
has no tolerance. (JEDEC Standard 95)
5.50 ± 0.050
(0.217 ± 0.002)
0.400 ± 0.050
(0.016 ± 0.002)
0.25 ± 0.050
(0.010
)
± 0.002
0.50
(0.0197)
0.200
(0.008)
1.00
(0.039)
7.00
(0.276)
BSC
5.50 ± 0.050
(0.217 ± 0.002)
typ
Bottom
View
Top View
BSC
7.00
(0.276)
BSC
max
millimeters (inches)
Electrically isolated heat
sink pad on bottom of
package
Connect to any ground or
power plane for optimum
thermal dissipation


Similar Part No. - HI8445PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8450PSIF HOLTIC-HI8450PSIF Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
HI8450PSMF HOLTIC-HI8450PSMF Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
More results

Similar Description - HI8445PSTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com