Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI8454PSMF Datasheet(PDF) 8 Page - Holt Integrated Circuits

Part # HI8454PSMF
Description  Integrated DO-160G Level 3 Lightning Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8454PSMF Datasheet(HTML) 8 Page - Holt Integrated Circuits

Back Button HI8454PSMF Datasheet HTML 3Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 4Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 5Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 6Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 7Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 8Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 9Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 10Page - Holt Integrated Circuits HI8454PSMF Datasheet HTML 11Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
8
ADDITIONAL PIN CONFIGURATIONS
24 - N/C
23 - OUT2A
22 - OUT2B
21 - VDD
20 - GND
19 - OUT3A
18 - OUT3B
17 - N/C
N/C - 1
IN2A - 2
IN2B - 3
TESTA - 4
TESTB - 5
IN3A - 6
IN3B - 7
N/C - 8
32-PIN PLASTIC QFN
HI-8454PCx
ORDERING INFORMATION
PART NUMBER
LEAD FINISH
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free, RoHS compliant)
PART NUMBER
TEMPERATURE RANGE
FLOW
BURN IN
I
-40oC to +85oC
I
No
T
-55oC to +125oC
T
No
M
-55oC to +125oC
M
Yes
PART NUMBER
PACKAGE DESCRIPTION
8450PS
8 PIN PLASTIC NARROW BODY SOIC (8HN)
8451PS
8 PIN PLASTIC NARROW BODY SOIC (8HN)
8454PS
20 PIN PLASTIC TSSOP (20HS)
8454PC
32 PIN PLASTIC QFN (32PCS)
8455PS
20 PIN PLASTIC TSSOP (20HS)
HI - 845xxx x x (Plastic)


Similar Part No. - HI8454PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8444PSIF HOLTIC-HI8444PSIF Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI8444PSIF10 HOLTIC-HI8444PSIF10 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results

Similar Description - HI8454PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8456 HOLTIC-HI-8456 Datasheet
1Mb / 16P
   Octal ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8454 HOLTIC-HI-8454 Datasheet
960Kb / 11P
   Single / Quad ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597 Datasheet
854Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597_15 Datasheet
862Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
SP4031 LITTELFUSE-SP4031 Datasheet
598Kb / 5P
   Lightning Surge Protection - SP4031
2019 Littelfuse, Inc
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
LNBTVSX-22XX STMICROELECTRONICS-LNBTVSX-22XX Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com