Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI8448PCTF Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI8448PCTF
Description  ARINC 429 Line Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8448PCTF Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI8448PCTF Datasheet HTML 1Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 2Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 3Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 4Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 5Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 6Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 7Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 8Page - Holt Integrated Circuits HI8448PCTF Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NOTE: Stresses above absolute maximum ratings or
outside recommended operating conditions may cause
permanent damage to the device.
These are stress
ratings only. Operation at the limits is not recommended.
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
Operating Temperature Range
Industrial Screening .........
-40°C to +85°C
Hi-Temp Screening ........
-55°C to +125°C
VDD .................................. 3.0 V to 5.5 V
ELECTRICAL CHARACTERISTICS
VDD = 5.0V
, V
= 0V, T = Operating Temperature Range (unless or otherwise specified).
SS
A
or
± 5%
3.3V ± 5%
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
ARINC INPUTS
Input voltage
ONE or ZERO
V
Differential input voltage
6.5
10
13
V
NULL
V
Differential input voltage
2.5
V
Common mode
V
With respect to GND
5.0
V
Input resistance
INA to INB
R
Supplies floating
30
75
K
Input to V
or V
R
Supplies floating
19
40
K
Input hysteresis
V
0.5
1.0
V
Input capacitance
ARINC differential
C
5
10
pF
ARINC single ended to V
C
10
pF
TEST INPUTS
Logic input voltage
High
V
2.0
V
Low
V
0.8
V
Logic input current
Sink
I
V =2.0V
200
Source
I
V =0.8V
-1.0
OUTPUTS
Logic output voltage
High
V
I
=-5mA, V
=5.0V
2.4
V
I
=-4mA, V
=3.3V
2.4
V
Low
V
I
=5mA, V
=5.0V
0.4
V
I
=4mA, V
=3.3V
0.4
V
Logic output voltage (CMOS)
High
V
I
=-100
Low
V
I
=100
SUPPLY CURRENT
V
current
I
HI-8444, HI-8445
5.5
10
mA
HI-8448
11
20.0
mA
SWITCHING CHARACTERISTICS (
Propagation delay
IN to OUT
t
C =50 pF
600
ns
t
600
ns
Output rise time
t
10% to 90%
50
80
ns
Output fall time
t
90% to 10%
50
80
ns
Propagation delay
TEST to OUT
t
50
ns
t50
ns
DIN
NIN
COM
DIFF
SS
DD
SUP
HYS
AD
SS
AS
IH
IL
IH
IH
IL
IL
OH
OH
DD
OH
DD
OL
OL
DD
OL
DD
OHC
OH
OLC
OL
DD
DD
LH
L
HL
R
F
TOH
TOL
W
W
µA
µA
µA
V
-0.2
V
µA
V
+0.2
V
T = 25 °C)
C =50 pF
DD
SS
A
L
±
HI-8444, HI-8445, HI-8448
Supply voltage (
Logic input voltage range
Solder Temperature (reflow)
260°C
Storage Temperature
-65°C to +150°C
VDD)
-0.3 V to +7 V
-0.3 V to +5.5 V
ARINC input voltage
-120 V to + 120 V
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI8448PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8450PSIF HOLTIC-HI8450PSIF Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
HI8450PSMF HOLTIC-HI8450PSMF Datasheet
960Kb / 11P
   Integrated DO-160G Level 3 Lightning Protection
More results

Similar Description - HI8448PCTF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_06 Datasheet
145Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444 Datasheet
139Kb / 6P
   Quad / Octal ARINC 429 Line Receivers
HI-8444 HOLTIC-HI-8444_10 Datasheet
84Kb / 9P
   Quad / Octal ARINC 429 Line Receivers
HI-3596 HOLTIC-HI-3596_15 Datasheet
1Mb / 18P
   Octal ARINC 429 Receivers
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com