Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI8455PSMF Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI8455PSMF
Description  Integrated DO-160G Level 3 Lightning Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI8455PSMF Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI8455PSMF Datasheet HTML 2Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 3Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 4Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 5Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 6Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 7Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 8Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 9Page - Holt Integrated Circuits HI8455PSMF Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HI-8450, HI-8451, HI-8454, HI-8455
HOLT INTEGRATED CIRCUITS
6
LIGHTNING INDUCED TRANSIENT VOLTAGE WAVEFORMS
Waveform 3.
0
t
50%
V or I
Largest
Peak
25% to 75%
of Largest Peak
Figure 3. DO-160G Lightning Induced Transient Voltage Waveform 3.
Voc = 600V, Isc = 24A, Frequency = 1MHz ± 20%.
Waveform 4.
0
t
50%
V or I
Peak
T1
T2
T1 = 6.4µs ± 20%
T2 = 70µs ± 20%
Figure 4. DO-160G Lightning Induced Transient Voltage Waveform 4.
Voc = 300V, Isc = 60A.


Similar Part No. - HI8455PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8429 HOLTIC-HI8429 Datasheet
192Kb / 20P
   Interrupt generated on any change of sensor state
HI8429 HOLTIC-HI8429 Datasheet
193Kb / 21P
   8-Channel GND/Open or Supply/Open Sensor
HI8444PSIF HOLTIC-HI8444PSIF Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
HI8444PSIF10 HOLTIC-HI8444PSIF10 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
More results

Similar Description - HI8455PSMF

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8456 HOLTIC-HI-8456 Datasheet
1Mb / 16P
   Octal ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8454 HOLTIC-HI-8454 Datasheet
960Kb / 11P
   Single / Quad ARINC 429 Line Receivers with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597 Datasheet
854Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
HI-8597 HOLTIC-HI-8597_15 Datasheet
862Kb / 12P
   3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
SP4031 LITTELFUSE-SP4031 Datasheet
598Kb / 5P
   Lightning Surge Protection - SP4031
2019 Littelfuse, Inc
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
LNBTVSX-22XX STMICROELECTRONICS-LNBTVSX-22XX Datasheet
111Kb / 9P
   Lightning protection for LNB power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com