Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

302312 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 302312
Description  Hydraulic Hand Crimping Tool
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

302312 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  302312 Datasheet HTML 1Page - TE Connectivity Ltd 302312 Datasheet HTML 2Page - TE Connectivity Ltd 302312 Datasheet HTML 3Page - TE Connectivity Ltd 302312 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408-6803
Rev C
4 of 4
1. Install dies according to Paragraph 3 and the instruction sheet packaged with the dies.
2. Select wire and terminal or splice appropriate for the dies being used.
3. Place terminal or splice in dies according to instruction sheet packaged with dies.
4. Perform crimping procedure as described in Steps 3 through 5 of Paragraph 4. Do NOT release
hydraulic pressure at this time.
5. Check the clearance between bottoming surfaces of crimping dies. If clearance is 0.0254 mm
[.001 in.] or less, bottoming is satisfactory. If clearance exceeds 0.0254 mm [.001 in.], the dies are
considered as not bottoming (see Paragraph 6, REPAIR).
If the tool conforms to these inspection procedures, lubricate it with a THIN coat of any good SAE No.20
motor oil and return it to service.
6. REPLACEMENT AND REPAIR
Customer-replaceable parts are listed in Figure 3. A complete inventory should be stocked and controlled to
prevent lost time when replacement of parts is necessary. Parts other than those listed should be replaced by
TE to ensure quality and reliability. Order replacement parts through your TE Representative, or call
1-800-526-5142, or send a facsimile of your purchase order to 717-986-7605, or write to:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
For customer repair service, contact a TE Representative at 1-800-526-5136.
7. REVISION SUMMARY
Updated document to corporate requirements
Changed text in Paragraph 4.6
TOOL SPECIFICATIONS
REPLACEMENT PARTS
DIMENSION
WEIGHT
ITEM
PART NO.
DESCRIPTION
QTY PER ASSY
A
15.4 [6.0]
5.7 kg [12.5 lb]
1
301555
SPACER
1
B
571.5 [22.5]
2
301556
SPRING
1
C
79.25 [3.12]
3
23057-6
PLUNGER, Ball
1
4
302312
PIN, Hinge
1
5
21045-9
RING, Retaining
2
6
306209-3
PIN, Latch
1
7
5-21006-0
SETSCREW, 10-32 X ¼ L
1
Figure 3
C
B
A
(Fully
Closed)
1
4
5
2
3
6
3


Similar Part No. - 302312

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3023 KEYSTONE-3023 Datasheet
222Kb / 1P
   PC COIN CELL CLIP FOR TWO 2020 OR 2025
9.9.09
logo
PHOENIX CONTACT
3023 PHOENIX-3023 Datasheet
900Kb / 7P
   12 V DC electronic circuit breakers
2014-04-09
logo
List of Unclassifed Man...
3023-A-N ETC2-3023-A-N Datasheet
445Kb / 8P
   Wide Range LED Power Module
3023-D-E ETC2-3023-D-E Datasheet
445Kb / 8P
   Wide Range LED Power Module
3023-D-N ETC2-3023-D-N Datasheet
445Kb / 8P
   Wide Range LED Power Module
More results

Similar Description - 302312

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-6757 TEC-408-6757 Datasheet
315Kb / 5P
   Hydraulic Hand Crimping Tool
logo
Tyco Electronics
408-8717 MACOM-408-8717 Datasheet
136Kb / 3P
   Hydraulic Hand Crimping Tool
logo
Molex Electronics Ltd.
0638161700 MOLEX11-0638161700 Datasheet
40Kb / 1P
   Hydraulic Dieless Crimping Tool
logo
List of Unclassifed Man...
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
   Hand crimping tool
WC-110 ETC2-WC-110 Datasheet
240Kb / 2P
   Hand crimping tool
WC260PFLAP ETC1-WC260PFLAP Datasheet
227Kb / 2P
   Hand crimping tool
logo
Japan Aviation Electron...
CT170-14B-MX23 JAE-CT170-14B-MX23 Datasheet
671Kb / 11P
   Crimping Hand Tool
logo
Tyco Electronics
90384-1 MACOM-90384-1 Datasheet
131Kb / 4P
   Hand Crimping Tool
logo
Winchester Electronics ...
107-6 WINCHESTER-107-6 Datasheet
34Kb / 1P
   HAND-CRIMPING TOOL OUTLINE
logo
Tyco Electronics
408-8914 MACOM-408-8914 Datasheet
129Kb / 4P
   Hydraulic Crimping
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com