Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

217915-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 217915-1
Description  Pistol Grip Pneumatic Handle Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

217915-1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  217915-1 Datasheet HTML 1Page - TE Connectivity Ltd 217915-1 Datasheet HTML 2Page - TE Connectivity Ltd 217915-1 Datasheet HTML 3Page - TE Connectivity Ltd 217915-1 Datasheet HTML 4Page - TE Connectivity Ltd 217915-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
408-6789
3 of 5
Rev E
Read these instructions thoroughly before operating
any of the pneumatic tools. The performance of these
tools will depend largely upon the intelligent use of
information contained in this manual and pay
particular attention to DANGER, CAUTION, and
NOTE statements.
DANGER
STOP
Denotes an imminent hazard which may result in
moderate or severe injury.
CAUTION
!
Denotes a condition which may result in product or
equipment damage.
NOTE
i
Highlights special or important information.
3. DESCRIPTION
The pneumatic handle assembly features a molded
nylon handle with a trigger and an air tube. The handle
holds an air cylinder with a key which retains the
terminating head in the body and allows the head to
be rotated. Refer to Figure 2.
In this use, the handle assembly noise level with the
terminating head emits a maximum of 78 dB, and the
vibration level is less than 2.5 mm/s².
Air Tube
Air Cylinder
Body
Key (Visible on
this Side)
Trigger
Handle
.
Figure 2
4. HEAD INSTALLATION AND REMOVAL
DANGER
STOP
To avoid personal injury, ALWAYS disconnect
handle assembly from the air supply when installing
or removing the terminating head.
1. Disconnect and/or lockout the tool from its air
supply.
2. Position the blade tip of a screwdriver between
the shoulder of the key and the handle assembly
body. Pry and remove the key.
3. Insert the terminating head into the head
entrance until the head bottoms. See Figure 3.
Key
Terminating
Head (Ref)
Head Entrance
Figure 3
4. Re-insert the key to retain the head.
5. To remove the head, remove the key and pull the
head out of the handle assembly.
5. SETUP
It is recommended that a regulator-filter-lubricator unit
with the lubricator adjusted to the minimum setting be
used with the handle assembly. Refer to Figure 4.
It is also recommended that quick-disconnect fittings
are used to connect the tool to the air supply. If not
using quick-disconnect fittings, provide a pneumatic
lock-out on the air line that bleeds air after it is turned
off.
The handle assembly is designed to operate with an
air pressure range of 276 to 483 kPa [40 to 70 psi].
Service life can be greatly extended when only the
necessary air pressure is applied. Excessive pressure
causes wear and strain on handle assembly
components and the connectors.
CAUTION
!
Do not use this tool as a blunt object, a crushing
device, or for any purpose other than crimping the
proper specified product. Inappropriate use of the
tool could result in personal injury or damage to the
tool.


Similar Part No. - 217915-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2179 ALPHAWIRE-2179 Datasheet
101Kb / 3P
   Customer Specification
9/14/2022
More results

Similar Description - 217915-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4146 MACOM-408-4146 Datasheet
297Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
408-4147 MACOM-408-4147 Datasheet
296Kb / 6P
   The head must be installed in Pistol Grip Manual Handle Assembly
408-4109 MACOM-408-4109 Datasheet
547Kb / 5P
   Pistol Grip Seating Tool
logo
TE Connectivity Ltd
409-32041 TEC-409-32041 Datasheet
695Kb / 9P
   12 Ton Pistol Grip
logo
Schneider Electric
VLSH3S7NRD SCHNEIDER-VLSH3S7NRD Datasheet
86Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, red handle, 7 mm shaft, defeatable
VLSH3S7NBD SCHNEIDER-VLSH3S7NBD Datasheet
69Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, black handle, 7 mm shaft, defeatable
VLSH3S7NRD SCHNEIDER-VLSH3S7NRD_V01 Datasheet
97Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, red handle, 7 mm shaft, defeatable
Jun 27, 2022
VLSH3S7NBD SCHNEIDER-VLSH3S7NBD_V01 Datasheet
80Kb / 2P
   Disconnect switch, TeSys VLS, pistol grip handle, 70 mm diameter, screw mounting, black handle, 7 mm shaft, defeatable
Jun 27, 2022
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
logo
PHOENIX CONTACT
1091431 PHOENIX-1091431 Datasheet
226Kb / 5P
   Cable handle - EV-GRIP-D35,7MM
Nov 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com