Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0621005800 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0621005800
Description  Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0621005800 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0621005800 Datasheet HTML 1Page - Molex Electronics Ltd. 0621005800 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Packaging Specification
PK-70873-7703
Product Specification
PS-76060-999-001
Sales Drawing
SD-76145-001
Symbol/Footprint Data
SYM-76145-1124
Pair by 10-Column
Assemblies
Backplane Insertion
Tool for Signal
Contact
0621005800
Backplane Header
Removal Tool for
GbX® U-Series, GbX
I-Trac™, Impact™,
or Z-PACK Tinman*
0621009610
This document was generated on 11/14/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0621005800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0621005800 MOLEX11-0621005800 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Right Guided, Open Endwall
0621005800 MOLEX11-0621005800 Datasheet
44Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Unguided, Dual Endwall
0621005800 MOLEX11-0621005800 Datasheet
53Kb / 2P
   Impact 100 Ohm 3 Pair Vertical Backplane Header, Unguided, Open Endwall
0621005800 MOLEX11-0621005800 Datasheet
45Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Unguided, Open Endwall
0621005800 MOLEX11-0621005800 Datasheet
38Kb / 2P
   Impact 100 Ohm 5 Pair Vertical Backplane Header, Left Guided, Right Endwall
More results

Similar Description - 0621005800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1712981725 MOLEX1-1712981725_17 Datasheet
48Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451123 MOLEX11-0761451123 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451125 MOLEX11-0761451125 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451126 MOLEX11-0761451126 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451725 MOLEX1-0761451725_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451726 MOLEX1-0761451726_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451624 MOLEX11-0761451624 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451626 MOLEX11-0761451626 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451126 MOLEX1-0761451126_17 Datasheet
45Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451127 MOLEX11-0761451127 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0761451128 MOLEX11-0761451128 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com