Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

307586-4 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 307586-4
Description  Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

307586-4 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 307586-4 Datasheet HTML 4Page - Tyco Electronics 307586-4 Datasheet HTML 5Page - Tyco Electronics 307586-4 Datasheet HTML 6Page - Tyco Electronics 307586-4 Datasheet HTML 7Page - Tyco Electronics 307586-4 Datasheet HTML 8Page - Tyco Electronics 307586-4 Datasheet HTML 9Page - Tyco Electronics 307586-4 Datasheet HTML 10Page - Tyco Electronics 307586-4 Datasheet HTML 11Page - Tyco Electronics 307586-4 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
408- 2353
Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
Rev B
10
of 12
Tyco Electronics Corporation
Suggested Plug Gage Design - Bar Crimp
Suggested Plug Gage Design - Rectangular Crimp
GO Dim.
“B” Dia.
NO--GO Dim.
NO--GO Dim.
GO Dim.
“B” Dia.
50.8 [2.00]
Min. Typ.
Bar Crimp
Closure
Configuration
Rectangular
Crimp Closure
Configuration
“G” Dia.
“G” Dia.
50.8 [2.00]
Min. Typ.
DIE
SET
GAGE ELEMENT DIMENSIONS
(“B” DIA)
DIE
SET
GAGE ELEMENT DIMENSIONS
(“G” DIA)
SET
GO
NO--GO
SET
GO
NO--GO
68034
5.512--5.519
[.2170--.2173]
5.763--5.766
[.2269--.2270]
68034
12.624--12.631
[.4970--.4973]
12.977--12.979
[.5109--.5110]
68035
6.172--6.180
[.2430--.2433]
6.424--6.426
[.2529--.2530]
68035
13.945--13.952
[.5490--.5493]
14.298--14300
[.5629--.5630]
68036
6.960--6.967
[.2740--.2743]
7.211--7.214
[.2839--.2840]
68036
15.596--15.603
[.6140--.6143]
15.949--15.951
[.6279--.6280]
68037
7.874--7.882
[.3100--.3103]
8.125--8.128
[.3199--.3200]
68037
17.526--17.534
[.6900--.6903]
17.879--17.882
[.7039--.7040]
68037--1
7.239--7.247
[.2850--.2853]
7.490--7.493
[.2949--.2950]
68037--1
16.332--16.340
[.6430--.6433]
16.685--16.688
[.6569--.6570]
68043
1.702--1.709
[.0670--.0673]
1.953--1.956
[.0769--.0770]
68043
4.1191--4.199
[.1650--.1653]
4.544--4.547
[.1789--.1790]
68044
2.007--2.014
[.0790--.0793]
2.258--2.260
[.0889--.0890]
68044
5.258--5.265
[.2070--.2073]
5.611--5.613
[.2209--.2210]
68045
2.464--2.471
[.0970--.0973]
2.715--2.718
[.1069--.1070]
68045
5.715--5.723
[.2250--.2253]
6.068--6.071
[.2389--.2390]
68046
2.718--2.725
[.1070--.1073]
2.969--2.972
[.1169--.1170]
68046
6.629--6.637
[.2610--.2613]
6.982--6.985
[.2749--.2750]
68047
3.404--3.411
[.1340--.1343]
3.655--3.658
[.1439--.1440]
68047
7.925--7.932
[.3120--.3123]
8.278--8.280
[.3259--.3260]
68048
3.835--3.843
[.1510--.1513]
4.087--4.089
[.1609--.1610]
68048
8.865--8.872
[.3490--.3493]
9.218--9.220
[.3629--.3630]
68049
4.343--4.351
[.1710--.1713]
4.595--4.597
[.1809--.1810]
68049
9.881--9.888
[.3890--.3893]
10.233--10.236
[.4029--.4030]
68050
4.8511--4.859
[.1910--.1913]
5.103--5.105
[.2009--.2010]
68050
11.201--11.209
[.4410--.4413]
11.554--11.557
[.4549--.4550]
Figure 7
If both the bar crimp and the rectangular crimp
closures meet the plug gage conditions, the closures
may be considered dimensionally correct and should
be lubricated with a thin coat of any good SAE 20
motor oil. If the dies do NOT conform, the dies must
be replaced or repaired before returning them to
service. See Section 6, REPAIR.
For additional information concerning the use of the
plug gage, refer to Instruction Sheet 408--7424.


Similar Part No. - 307586-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
307581-1 TEC-307581-1 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
PHOENIX CONTACT
3075842 PHOENIX-3075842 Datasheet
49Kb / 3P
   Switching jumper - SB 6-T 2-8
3075843 PHOENIX-3075843 Datasheet
49Kb / 3P
   Switching jumper - SB 6-T 3-8
3075844 PHOENIX-3075844 Datasheet
49Kb / 3P
   Switching jumper - SB 6-T 4-8
3075896 PHOENIX-3075896 Datasheet
75Kb / 6P
   Bolt connection terminal block - RBO 6
More results

Similar Description - 307586-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-2423 TEC-408-2423 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com