Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

308132-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 308132-1
Description  Remove assembly pins from mounting lugs as shown in Figure 1
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

308132-1 Datasheet(HTML) 7 Page - Tyco Electronics

  308132-1 Datasheet HTML 1Page - Tyco Electronics 308132-1 Datasheet HTML 2Page - Tyco Electronics 308132-1 Datasheet HTML 3Page - Tyco Electronics 308132-1 Datasheet HTML 4Page - Tyco Electronics 308132-1 Datasheet HTML 5Page - Tyco Electronics 308132-1 Datasheet HTML 6Page - Tyco Electronics 308132-1 Datasheet HTML 7Page - Tyco Electronics 308132-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
408-2433
Insulation Piercing COPALUM Terminal and Splice Crimping Heads
7 of8
Rev A
Tyco Electronics Corporation
Figure 9
Left Die
Closure
Right Die
Closure
Jaws Bottomed
But Not Under
Pressure
INSPECTION OF INNER CRIMP CLOSURE
INSPECTION OF OUTER CRIMP CLOSURE
DETAIL A
GO GAGE
DETAIL C
GO GAGE
GoGage
Rotates
Freely in
Either
Direction
GoGage
Rotates
Freely in
Either
Direction
Locator
Locator
Lower Jaw
Locator in Notch
of Gage Member
DETAIL B
NO-GO
GAGE
DETAIL D
NO-GO
GAGE
Left Die
Closure
Right Die
Closure
Jaws will Not Bottom
NO-GO Gage
will Not Rotate
NO-GO Gage
will Not Rotate
Crimp Surfaces
Seated on
Gage Member
Locator in Notch of Gage Member
Locator in Notch of Gage Member


Similar Part No. - 308132-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3081 ALPHAWIRE-3081 Datasheet
70Kb / 3P
   Customer Specification
logo
Heyco.
3081 HEYCO-3081 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
LEMO Connectors
3081 LEMO-3081 Datasheet
112Kb / 4P
   B - Indoor keyed
3081 LEMO-3081 Datasheet
112Kb / 4P
   B - Indoor keyed
3081 LEMO-3081 Datasheet
112Kb / 4P
   B - Indoor keyed
More results

Similar Description - 308132-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-9-1440002-6 TEC-C-9-1440002-6 Datasheet
112Kb / 2P
   REMOVE CONTACT FIGURE
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
   Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
logo
List of Unclassifed Man...
NS9210B-0-I75 ETC2-NS9210B-0-I75 Datasheet
1Mb / 68P
   Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
1SNK506150R0000 ETC2-1SNK506150R0000 Datasheet
96Kb / 5P
   Secured snap on or remove from the rail
logo
FIBOX Enclosing innovat...
8120830 FIBOX-8120830 Datasheet
59Kb / 2P
   Wall mounting lugs set
11.01.2023
logo
List of Unclassifed Man...
HE1020 ETC2-HE1020 Datasheet
41Kb / 1P
   Mounting screws are supplied in lengths shown unless otherwise specified.
logo
Shoulder Electronics Li...
HDF315MS3 SHOULDER-HDF315MS3 Datasheet
220Kb / 7P
   Typical test circuit is shown as below
logo
FIBOX Enclosing innovat...
8120832 FIBOX-8120832 Datasheet
60Kb / 2P
   Plastic Wall mounting lugs set
11.01.2023
8120833 FIBOX-8120833 Datasheet
62Kb / 2P
   Plastic Wall mounting lugs set
11.01.2023
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
   Dimensions shown in millimeters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com